Electronic Components Datasheet Search
  English  ▼

X  

UPD75112 Datasheet(PDF) 2 Page - NEC

Part # UPD75112
Description  4-Bit Single Chip-Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75112 Datasheet(HTML) 2 Page - NEC

  UPD75112 Datasheet HTML 1Page - NEC UPD75112 Datasheet HTML 2Page - NEC UPD75112 Datasheet HTML 3Page - NEC UPD75112 Datasheet HTML 4Page - NEC UPD75112 Datasheet HTML 5Page - NEC UPD75112 Datasheet HTML 6Page - NEC UPD75112 Datasheet HTML 7Page - NEC UPD75112 Datasheet HTML 8Page - NEC UPD75112 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
µPD75112(A), 75116(A)
Item
No. of basic instruction
Min. instruction execution time
On-chip memory
General register
Accumulator
Input/output port
Timer/counter
Serial interface
Vector interrupt
Test input
Standby
Operating temperature range
Operating voltage
Others
Package
Description
43
0.95
µs/1.91 µs/15.3 µs (when operated at 4.19 MHz), switchable at 3 levels
12160
× 8 (
µPD75112(A)), 16256 × 8 (µPD75116(A))
512
× 4
4 bits
× 8 × 4 banks (memory mapping)
Three accumulated in compliance with controlled date lengths
•1-bit accumulator (CY), 4-bit accumulator (A), 8-bit accumulator (XA)
58 in total
• CMOS input pin
:
10
• CMOS input/output pin (LED direct drive enable) : 32
• Intermediate withstand voltage N-ch open drain : 12
input/output pin (bit-wise pull-up resistor inscorporation possible)
• Comparator input pin (4-bit accuracy)
:
4
• 8-bit timer/event counter × 2
• 8-bit basic interval timer (applicable to watchdog timer)
• 8-bits
• First LSB/first MSB switchable
• Two transfer modes (transmit and receiver/receive dedicated mode)
External : 3,
Internal : 4
External : 2
• STOP/HALT mode
-40 to +85
°C
2.7 to 6.0 V
• On-chip power-on reset circuit (mask option)
• On-chip bit contol memory (bit sequential buffer)
• 64-pin plastic shrink DIP (750 mil)
• 64-pin plastic QFP (14 × 20 mm)
Defferences between
µPD75112(A), 75116(A) and µPD75112, 75116
Item
Quality grade
Electrical specifications
Direct LED drive
Outline of Functions
ROM
RAM
Absolute maximum ratings
DC characteristics
µPD75112(A), 75116(A)
Special
Different high-level output current and low-level output current
Different low-level output voltage
Not possible
Product Name
µPD75112, 75116
Standard
Possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com