Electronic Components Datasheet Search
  English  ▼

X  

UPD75112F Datasheet(PDF) 3 Page - NEC

Part # UPD75112F
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75112F Datasheet(HTML) 3 Page - NEC

  UPD75112F Datasheet HTML 1Page - NEC UPD75112F Datasheet HTML 2Page - NEC UPD75112F Datasheet HTML 3Page - NEC UPD75112F Datasheet HTML 4Page - NEC UPD75112F Datasheet HTML 5Page - NEC UPD75112F Datasheet HTML 6Page - NEC UPD75112F Datasheet HTML 7Page - NEC UPD75112F Datasheet HTML 8Page - NEC UPD75112F Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
3
µPD75108F,75112F,75116F
OVERVIEW OF FUNCTIONS
Contents
43
0.95
µs, 1.91 µs, 15.3 µs (VDD = 4.5 to 5.0 V, 4.19 MHz operation)
2
µs, 4 µs, 32 µs (VDD = 2.7 to 5.0 V, 2 MHz operation)
3-stage switching capability
0.95
µs (operating at 4.5 to 5.0 V)
1.91
µs (operating at 2.7 V )
8064
× 8 bits (
µPD75108F)
12160
× 8 bits (
µPD75112F)
16256
× 8 bits (
µPD75116F)
512
× 4 bits
4-bits
× 8 × 4 banks (memory mapping)
3 accumulators for different manipulated data lengths
• 1-bit accumulator (CY), 4–bit acculumalor (A), 8-bit accumulator (XA)
Total 58
• CMOS input pins
: 10
• CMOS input/output pins (LED direct drive capability)
: 32
• Middle-high voltage N-ch open-drain input/output pins : 12
(LED direct drive capability, a pull-up resistor can be incorporated bit-wise.)
• Comparator input pins (4-bit precision)
: 4
• 8-bit timer/event counter
× 2
• 8-bit basic interval timer (watchdog timer applicable)
• 2 transfer modes
• Serial transmission/reception modes
• Serial reception mode
• LSB top/MSB top switchable
External : 3 Internal : 4
External : 2
• STOP/HALT mode
• Various bit manipulation instructions (set, reset, test, Boolean operation)
• 8-bit data transfer, comparison, operation, increment/decrement instructions
• 1-byte relative branch instruction
• GETI instruction that can implement arbitrary 2-byte/3-byte instructions with 1 byte
• Bit manipulation memory (bit sequential buffer) on chip
• 64-pin plastic QFP (14
× 20 mm)
Item
Basic instructions
Instruction cycle
Minimum instruction
execution time
On-chip memory
General register
Accumulator
Input/output port
Timer/counter
8-bit serial interface
Vector interrupt
Test input
Standby
Instruction set
Others
Package
ROM
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com