Electronic Components Datasheet Search
  English  ▼

X  

UPD75112F Datasheet(PDF) 75 Page - NEC

Part # UPD75112F
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75112F Datasheet(HTML) 75 Page - NEC

Back Button UPD75112F Datasheet HTML 70Page - NEC UPD75112F Datasheet HTML 71Page - NEC UPD75112F Datasheet HTML 72Page - NEC UPD75112F Datasheet HTML 73Page - NEC UPD75112F Datasheet HTML 74Page - NEC UPD75112F Datasheet HTML 75Page - NEC UPD75112F Datasheet HTML 76Page - NEC UPD75112F Datasheet HTML 77Page - NEC UPD75112F Datasheet HTML 78Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
75
µPD75108F,75112F,75116F
16K/24K
8K
24K
(Mask ROM)
(One-time PROM)
(One-time PROM)
768
512
768
75X High-End/Extended
75X High-End
75X Extended
High-End
High-End*1
58
10
µPD75116H/117H
µPD75P108B
µPD75P116
µPD75P117H
32 (LED direct drive
capability : 8)
32 (LED direct drive capability)
32 (LED direct drive
capability : 8)
12
12 (LED direct drive capability)
12
+6 V
+12 V
+6 V
Can be incorporated by
mask option
None
4 (4-bit precision)
None
None
1.8 to 5.0 V
–40 to +60
°C
–40 to +85
°C
2.7 to 6.0 V
5 V
±10 %
1.8 to 5.0 V
–40 to +60
°C
0.95
µs (operating at 2.7 V)
1.91
µs (operating at 1.8 V)
0.95
µs (operating at 4.5 to 6.0 V)
3.8
µs (operating at 2.7 V)
0.95
µs
(operating at 4.75 to 5.5 V)
0.95
µs (operating at 2.7 V)
1.91
µs (operating at 1.8 V)
• 64-pin plastic QFP (GC-AB8)
• 64-pin plastic QFP (GK-7ET)
• 64-pin plastic shrink DIP
• 64-pin plastic QFP (GF-3BE)
• 64-pin plastic shrink DIP
• 64-pin plastic QFP (GF-3BE)
• 64-pin ceramic shrink DIP
with window
• 64-pin plastic QFP (GC-AB8)
• 64-pin plastic QFP
(GK-7ET)*3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com