Electronic Components Datasheet Search
  English  ▼

X  

UPD75116F Datasheet(PDF) 2 Page - NEC

Part # UPD75116F
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75116F Datasheet(HTML) 2 Page - NEC

  UPD75116F Datasheet HTML 1Page - NEC UPD75116F Datasheet HTML 2Page - NEC UPD75116F Datasheet HTML 3Page - NEC UPD75116F Datasheet HTML 4Page - NEC UPD75116F Datasheet HTML 5Page - NEC UPD75116F Datasheet HTML 6Page - NEC UPD75116F Datasheet HTML 7Page - NEC UPD75116F Datasheet HTML 8Page - NEC UPD75116F Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
2
µPD75108F,75112F,75116F
ORDERING INFORMATION
Ordering Code
Package
Quality Grade
µPD75108FGF-×××-3BE
64-pin plastic QFP (14
× 12 mm)
Standard
µPD75112FGF-×××-3BE
64-pin plastic QFP (14
× 12 mm)
Standard
µPD75116FGF-×××-3BE
64-pin plastic QFP (14
× 20 mm)
Standard
Remarks
×××: ROM code number
APPLICATIONS
Cordless telephone subsets, portable radio equipment, pager, etc.
Please refer to "Quality grade on NEC Semiconductor Devices" (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com