Electronic Components Datasheet Search
  English  ▼

X  

UPD75116F Datasheet(PDF) 21 Page - NEC

Part # UPD75116F
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75116F Datasheet(HTML) 21 Page - NEC

Back Button UPD75116F Datasheet HTML 17Page - NEC UPD75116F Datasheet HTML 18Page - NEC UPD75116F Datasheet HTML 19Page - NEC UPD75116F Datasheet HTML 20Page - NEC UPD75116F Datasheet HTML 21Page - NEC UPD75116F Datasheet HTML 22Page - NEC UPD75116F Datasheet HTML 23Page - NEC UPD75116F Datasheet HTML 24Page - NEC UPD75116F Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
21
µPD75108,75112F,75116F
5.4
BASIC INTERVAL TIMER
The basic interval timer includes the following functions.
• It operates as an interval timer which generates reference time interrupts.
• It can be applied as a watchdog timer which detects when a program is out of control.
• Selects and counts wait times when the standby mode is released.
• It reads count contents.
Fig. 5-3 Basic Interval Timer Configuration
Remarks
* indicates instruction execution.
Internal Bus
fXX/2
5
fXX/2
7
fXX/2
12
From Clock
Generator
4
BTM3
BTM2
BTM1
BTM0
BTM
MPX
BT
IRQBT
Set
BT Interrupt
Request Flag
Clear
Clear
Basic Interval Timer
(8-Bit Frequency Divider)
Wait Release
Signal during
Standby Release
8
3
Vector
Interrupt
Request
Signal
fXX/2
9
*SET1
5.5
TIMER/EVENT COUNTER
The
µPD75116F incorporates two internal timer/event counter channels.
Timer/event counter channel 0 and channel 1 differ only in selectable count pulse (CP) and clock supply function
to serial interface and are the same in other configurations and functions.
The functions of the timer/event counter are as follows.
• Operates as a programmable interval timer.
• Outputs square waves in the desired frequency to the PTOn pin.
• Operates as an event counter.
• Use of TIn pin as an external interrupt input pin.
• Divides the TIn pin input into N divisions and outputs it to the PTOn pin (frequency divider operation).
• Supplies a serial shift clock to the serial interface circuit. (channel 0 only)
• Count status read function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com