Electronic Components Datasheet Search
  English  ▼

X  

LT1105C Datasheet(PDF) 16 Page - Linear Technology

Part # LT1105C
Description  Offline Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1105C Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1105C Datasheet HTML 12Page - Linear Technology LT1105C Datasheet HTML 13Page - Linear Technology LT1105C Datasheet HTML 14Page - Linear Technology LT1105C Datasheet HTML 15Page - Linear Technology LT1105C Datasheet HTML 16Page - Linear Technology LT1105C Datasheet HTML 17Page - Linear Technology LT1105C Datasheet HTML 18Page - Linear Technology LT1105C Datasheet HTML 19Page - Linear Technology LT1105C Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
LT1103/LT1105
Bootstrap Start
It is inefficient as well as impractical to power a switching
regulator control IC from the rectified DC input as this
voltage is several hundred volts. Self-biased switching
regulator topologies take advantage of a lower voltage
auxiliary winding on the power transformer or inductor to
power the regulator, but require a start-up cycle to begin
regulation.
Start-up circuitry with hysteresis built into the LT1103/
LT1105 allows the input voltage to increase from 0V to
16V before the regulator tries to start. During this time the
start-up current of the switching regulator is typically
200
µA and all internal voltage regulators are off. The low
quiescent current allows the input voltage to be trickled up
with only 500
µA of current from the rectified DC line
voltage, thereby minimizing power dissipation in the start-
up resistor. At 16V, the internal voltage regulators are
turned on and switching begins. If enough power feeds
back through the auxiliary winding to keep the input
voltage to the switching regulator above 12V, then switching
continues and a bootstrap start is accomplished. If the
input voltage drops below 12V, then the FET drive detection
circuit locks out switching. The input voltage continues to
fall as the VIN bypass capacitor is discharged by the
normal quiescent current of the LT1103/LT1105. Once the
input voltage falls below 7V, the internal voltage regulators
are turned off and the switching regulator returns to the
low start-up current state. A continuous “burp start” mode
indicates a fault condition or an incomplete power loop.
The trickle current required to bootstrap the regulator
input voltage is typically generated with a resistor from the
rectified DC input voltage. When combined with the
regulator input bypass capacitor, the start-up resistor
creates a ramp whose slope governs the turn-on time of
the regulator as well as the period of the “burp start” mode.
The design trade-offs are power dissipated in the trickle
resistor, the turn-on time of the regulator, and the hold-up
time of the regulator input bypass capacitor. The value of
the start-up resistor is set by the minimum rectified DC
input voltage to guarantee sufficient start-up current. The
recommended minimum trickle current is 500
µA. The
power rating of the start-up resistor is set by the maximum
rectified DC input voltage. A final consideration for the
start-up resistor is to insure that the maximum voltage
rating of the resistor is not exceeded. Typical carbon film
resistors have a voltage rating of 250V. The most reliable
and economical solution for the start-up resistor is generally
provided by placing several 0.25W resistors in series.
The LT1103/LT1105 is designed to operate with supply
pin voltages up to 30V. However, the auxiliary bias winding
should be designed for a typical output voltage of 17V to
minimize IC power dissipation and efficiency loss.
Allowances must also be made for cross regulation of the
bias voltage due to variations in the rectified DC line
voltage and output load current.
Soft-Start
Soft-start refers to the controlled increase of switch
current from a start-up or shutdown state. This allows the
power supply to come up to voltage in a controlled
manner and charge the output capacitor without activating
current limit. In general, soft-start is not required on the
LT1105 due to the design of the sampling error amplifier
gm stage which generates asymmetrical slew capability
on the VC pin.
This feature exhibits itself as a typical 3mA sink current
capability on the VC pin whereas source current is only
275
µA. The low gm of the error amplifier allows small-
valued compensation capacitors to be used on VC. This
allows the sink current to slew the compensation capacitor
quickly. Therefore, overshoot of the output voltage on
start-up sequences and recovery from overload or short-
circuit conditions is prevented. However, if a longer start-
up period is required, the soft-start function can be used.
Soft-start is implemented with an internal 40
µA pull-up
and a transistor clamp on the VC pin so that a single
external capacitor from SS ground can define the linear
ramp function. The voltage at VC is limited to one VBE
above the soft-start pin (SS). The time to maximum switch
current is defined as the capacitance on SS multiplied by
the active range in volts of the VC pin divided by the pull-
up current:
T
C • (3.2V)
40 A
=
µ
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com