Electronic Components Datasheet Search
  English  ▼

X  

LT1105C Datasheet(PDF) 21 Page - Linear Technology

Part # LT1105C
Description  Offline Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1105C Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1105C Datasheet HTML 17Page - Linear Technology LT1105C Datasheet HTML 18Page - Linear Technology LT1105C Datasheet HTML 19Page - Linear Technology LT1105C Datasheet HTML 20Page - Linear Technology LT1105C Datasheet HTML 21Page - Linear Technology LT1105C Datasheet HTML 22Page - Linear Technology LT1105C Datasheet HTML 23Page - Linear Technology LT1105C Datasheet HTML 24Page - Linear Technology LT1105C Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
LT1103/LT1105
to zero or changing polarity. Therefore, the voltage on the
bias winding is only valid as a representation of the output
voltage while the secondary is delivering current.
Although the bias winding flyback voltage is a representa-
tion of the output voltage, its voltage is not constant. For
a brief period following the leakage inductance spike, the
bias winding flyback voltage decreases due to nonlinearities
and parasitics present in the transformer. Following this
nonlinear behavior is a period where the bias winding
flyback voltage decreases linearly. This behavior is easily
explained. Current flow in the secondary decreases lin-
early at a rate determined by the voltage across the
secondary and the inductance of the secondary. The
parasitic secondary leakage inductance appears as an
impedance in series with the secondary winding. In addi-
tion, parasitic resistances exist in the secondary winding,
the output diode and the output capacitor. These imped-
ances can be combined to form a lumped sum equivalent
and which cause a voltage drop as secondary current
flows. This voltage drop is coupled from the secondary to
the bias winding flyback voltage and becomes more sig-
nificant as the output is loaded more heavily. This voltage
drop is largest at the beginning of “switch off” time and
smallest just prior to either all transformer energy being
depleted or the switch turning on again.
The best representation of the output voltage is just prior
to either all transformer energy being used up and the bias
winding voltage collapsing to zero or just prior to the
switch turning on again and the bias winding going
negative. This point in time also represents the smallest
forward voltage for the output diode. It is possible to
redefine the relationship between the secondary winding
voltage and the bias winding voltage as:
V
VVf I • R
N1
BIAS
OUT
P
=
++
()
where Vf is the forward voltage of the output diode, I is the
current flowing in the secondary, RP is the lumped sum
equivalent secondary parasitic impedance and N1 is the
transformer turns ratio from the secondary to the bias
winding. It is apparent that even though the above point in
APPLICATIONS INFORMATION
voltage, the secondary voltage, the bias voltage and the
winding currents are indicated in the figures found on the
following page for both continuous and discontinuous
modes of operation.
Simplified Flyback Converter
D1
1:N
LT1103 AI01
VBIAS
S1
R
L(lkSEC)
VOUT
C1
COMMON
L(IkPRI)
VIN
1:N1
N = TURNS RATIO FROM SECONDARY TO PRIMARY.
N1 = TURNS RATIO FROM SECONDARY TO BIAS.
N2 = N/N1
L(lkPRI) = PRIMARY LEAKAGE INDUCTANCE.
L(lkSEC) = SECONDARY LEAKAGE INDUCTANCE.
R = PARASITIC WINDING, DIODE AND OUTPUT
CAPACITOR RESISTANCE.
When the switch “turns on,” the primary winding sees the
input voltage and the secondary and bias windings go to
negative voltages as a function of the turns ratio. Current
builds in the primary winding as the transformer stores
energy. When the switch “turns off,” the voltage across
the switch flies back to a clamp level as defined by a
snubber network until the energy in the leakage induc-
tance of the primary dissipates. Leakage inductance is one
of the main parasitic elements in a flux-sensed converter
and is modeled as an inductor in series with the primary
and secondary of the transformer. These parasitic induc-
tances contribute to changes in the bias winding voltage
and thus the output voltage with increasing load current.
The energy stored in the transformer transfers through the
secondary and bias windings during “switch off” time.
Ideally, the voltage across the bias winding is set by the DC
output voltage, the forward voltage of the output diode,
and the turns ratio of the transformer after the energy in
the leakage inductance spike of the primary is dissipated.
This relationship holds until the energy in the transformer
drops to zero (discontinuous mode) or the switch turns on
again (continuous mode). Either case results in the volt-
age across the secondary and bias windings decreasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com