Electronic Components Datasheet Search
  English  ▼

X  

LT1105C Datasheet(PDF) 25 Page - Linear Technology

Part # LT1105C
Description  Offline Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1105C Datasheet(HTML) 25 Page - Linear Technology

Back Button LT1105C Datasheet HTML 21Page - Linear Technology LT1105C Datasheet HTML 22Page - Linear Technology LT1105C Datasheet HTML 23Page - Linear Technology LT1105C Datasheet HTML 24Page - Linear Technology LT1105C Datasheet HTML 25Page - Linear Technology LT1105C Datasheet HTML 26Page - Linear Technology LT1105C Datasheet HTML 27Page - Linear Technology LT1105C Datasheet HTML 28Page - Linear Technology LT1105C Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
LT1103/LT1105
where N is the transformer turns ratio of secondary to
primary and DC is the duty cycle. This formula can be
rewritten in terms of duty cycle as:
DC =
V
VN • V
OUT
OUT
IN
+
()
It is important to define the full range of input voltage, the
range of output loading conditions and the regulation
requirements for a design. Duty cycle should be calculated
for both minimum and maximum input voltage.
In many applications, N can vary over a wide range without
degrading performance. If maximum output power is
desired, N can be optimized:
N=
VVf
V– V
– V
OPT
OUT
M
IN MAX
SNUB
()
()
+
()
where
Vf = Forward voltage of the output diode
VM = Maximum switch voltage
VSNUB = Snubber clamp level – primary flyback
voltage.
In the isolated flyback mode, the LT1103/LT1105 sense
and regulate the transformer primary voltage VPRI during
“switch off” time. The secondary output voltage will be
regulated if VPRI is regulated. VPRI is related to VOUT by:
V=
VVf
N
PRI
OUT +
()
This allows duty cycle for an isolated flyback converter to
be rewritten as:
DC = Duty Cycle =
V
VV
PRI
PRI
IN
+
()
An important transformer parameter to be determined is
the primary inductance LPRI. The value of this inductance
is a trade-off between core size, regulation requirements,
leakage inductance effects and magnetizing current
∆I.
Magnetizing current is the difference between the primary
current at the start of “switch on” time and the current at
APPLICATIONS INFORMATION
the end of “switch on” time. If maximum output power is
needed, a reasonable starting value is found by assigning
∆I a value of 20% of the peak switch current (2A for the
LT1103 and set by the external FET rating used with the
LT1105). With this design approach, LPRI is defined as:
L
V
( I)(f) 1
V
V
PRI
IN
IN
PRI
=
+


∆
If maximum output power is not required, then
∆I can be
increased which results in lower primary inductance and
smaller magnetics. Maximum output power with an isolated
flyback converter is defined by the primary flyback voltage
and the peak allowed switch current and is limited to:
P
V
VV
VI –
I
2
–Ip R E
OUT(MAX)
PRI
PRI
IN
IN P
2
=
()
+
()

 ()
∆
where
R = Total “switch” on resistance
IP = Maximum switch current
E = Overall efficiency
≈ 75%
Peak primary current is used to determine core size for the
transformer and is found from:
I
VI
V
V
EV
V
I
2
PRI
OUT
OUT
PRI
IN
PRI
IN
= ()(
)
+
()
()( )
+ ∆
A second consideration on primary inductance is the
transition point from continuous mode to discontinuous
mode. At light loads, the flyback pulse across the primary
will drop to zero before the end of “switch off” time. The
load current at which this starts to occur can be calculated
from:
I
VV
VV
2V
f L
OUT(TRANSITION)
PRI
IN
2
PRI
IN
2
OUT
PRI
=
()
+
() (
)( )( )
•
The forward converter as shown below is another
transformer-based topology that converts one voltage to
either a higher or a lower voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com