Electronic Components Datasheet Search
  English  ▼

X  

LT1111C Datasheet(PDF) 9 Page - Linear Technology

Part # LT1111C
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111C Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1111C Datasheet HTML 5Page - Linear Technology LT1111C Datasheet HTML 6Page - Linear Technology LT1111C Datasheet HTML 7Page - Linear Technology LT1111C Datasheet HTML 8Page - Linear Technology LT1111C Datasheet HTML 9Page - Linear Technology LT1111C Datasheet HTML 10Page - Linear Technology LT1111C Datasheet HTML 11Page - Linear Technology LT1111C Datasheet HTML 12Page - Linear Technology LT1111C Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1111
capacitors provide still better performance at more ex-
pense. We recommend OS-CON capacitors from Sanyo
Corporation (San Diego, CA). These units are physically
quite small and have extremely low ESR. To illustrate,
Figures 1, 2, and 3 show the output voltage of an LT1111
based converter with three 100
µF capacitors. The peak
switch current is 500mA in all cases. Figure 1 shows a
Sprague 501D, 25V aluminum capacitor. VOUT jumps by
over 120mV when the switch turns off, followed by a drop
in voltage as the inductor dumps into the capacitor. This
works out to be an ESR of over 0.24
Ω. Figure 2 shows the
same circuit, but with a Sprague 150D, 20V tantalum
capacitor replacing the aluminum unit. Output jump is
now about 35mV, corresponding to an ESR of 0.07
Ω.
Figure 3 shows the circuit with a 16V OS-CON unit. ESR
is now only 0.02
Ω.
S
APPLICATI
I FOR ATIO
switch closes, current in the inductor builds according to
It
V
R
e
L
L
Rt
L
() =
′
′
115
–(
)
–
where R
′ = 0.65Ω + DCRL
VL = VIN – 0.75V
As an example, suppose –5V at 50mA is to be generated
from a 4.5V to 5.5V input. Recalling Equation (14),
PL = (-5V+0.5V)(50mA) = 275mW
(16)
Energy required from the inductor is:
P
f
mW
kHz
J
L
OSC
==
275
72
38
17
..
(
)
µ
Picking an inductor value of 56
µH with 0.2Ω DCR results
in a peak switch current of:
I
VV
emA
PEAK
s
H
= ()
+
()
 =
×
45
075
065
0 2
1
445
18
085
7
56
.– .
..
–.
(
)
–.
ΩΩ
Ωµ
µ
Substituting IPEAK into Equation (04) results in:
EH
A
J
L =
()(
) =
1
2
56
0 445
5 54
19
2
µµ
..
.
(
)
Since 5.54
µJ > 3.82µJ, the 56µH inductor will work.
With this relatively small input range, RLIM is not usually
necessary and the ILIM pin can be tied directly to VIN. As in
the step-down case, peak switch current should be limited
to ~650mA.
Capacitor Selection
Selecting the right output capacitor is almost as important
as selecting the right inductor. A poor choice for a filter
capacitor can result in poor efficiency and/or high output
ripple. Ordinary aluminum electrolytics, while inexpensive
and readily available, may have unacceptably poor Equiva-
lent Series Resistance (ESR) and ESL (inductance). There
are low ESR aluminum capacitors on the market specifi-
cally designed for switch mode DC/DC converters which
work much better than general-purpose units. Tantalum
5
µs/DIV
LT1111 • F01
Figure 1. Aluminum
5
µs/DIV
LT1111 • F02
Figure 2. Tantalum
5
µs/DIV
LT1111 • F01
Figure 3. OS-CON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com