Electronic Components Datasheet Search
  English  ▼

X  

LT1111C Datasheet(PDF) 10 Page - Linear Technology

Part # LT1111C
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111C Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1111C Datasheet HTML 6Page - Linear Technology LT1111C Datasheet HTML 7Page - Linear Technology LT1111C Datasheet HTML 8Page - Linear Technology LT1111C Datasheet HTML 9Page - Linear Technology LT1111C Datasheet HTML 10Page - Linear Technology LT1111C Datasheet HTML 11Page - Linear Technology LT1111C Datasheet HTML 12Page - Linear Technology LT1111C Datasheet HTML 13Page - Linear Technology LT1111C Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1111
S
APPLICATI
I FOR ATIO
Diode Selection
Speed, forward drop, and leakage current are the three
main considerations in selecting a catch diode for LT1111
converters. General purpose rectifiers such as the 1N4001
are
unsuitable for use in any switching regulator applica-
tion. Although they are rated at 1A, the switching time of
a 1N4001 is in the 10
µs to 50µs range. At best, efficiency
will be severely compromised when these diodes are
used; at worst, the circuit may not work at all. Most
LT1111 circuits will be well served by a 1N5818 Schottky
diode, or its surface mount equivalent, the MBRS130T3.
The combination of 500mV forward drop at 1A current,
fast turn ON and turn OFF time, and 4
µA to 10µA leakage
current fit nicely with LT1111 requirements. At peak
switch currents of 100mA or less, a 1N4148 signal diode
may be used. This diode has leakage current in the 1nA to
5nA range at 25
°C and lower cost than a 1N5818. (You can
also use them to get your circuit up and running, but
beware of destroying the diode at 1A switch currents.)
Step-Up (Boost Mode) Operation
A step-up DC/DC converter delivers an output voltage
higher than the input voltage. Step-up converters are not
short-circuit protected since there is a DC path from input
to output.
The usual step-up configuration for the LT1111 is shown
in Figure 4. The LT1111 first pulls SW1 low causing VIN –
VCESAT to appear across L1. A current then builds up in L1.
At the end of the switch ON time the current in L1 is1:
I
V
L
t
PEAK
IN
ON
=
()
20
Immediately after switch turn-off, the SW1 voltage pin
starts to rise because current cannot instantaneously stop
flowing in L1. When the voltage reaches VOUT + VD, the
inductor current flows through D1 into C1, increasing
VOUT. This action is repeated as needed by the LT1111 to
keep VFB at the internal reference voltage of 1.25V. R1 and
R2 set the output voltage according to the formula
V
R
R
V
OUT =+

 ()
1
2
1
125
21
.( )
Step-Down (Buck Mode) Operation
A step-down DC/DC converter converts a higher voltage
to a lower voltage. The usual hookup for an LT1111 based
step-down converter is shown in Figure 5.
L1
LT1111 • F04
GND
SW2
SW1
LIM
I
IN
V
D1
R3*
LT1111
+
VOUT
R2
R1
C1
*OPTIONAL
VIN
FB
Figure 4. Step-Up Mode Hookup.
Refer to Table 1 for Component Values.
Note 1: This simple expression neglects the effect of switch and coil
resistance. This is taken into account in the “Inductor Selection” section.
When the switch turns on, SW2 pulls up to VIN – VSW. This
puts a voltage across L1 equal to VIN – VSW – VOUT,
causing a current to build up in L1. At the end of the switch
ON time, the current in L1 is equal to:
I
V
VV
L
t
PEAK
IN
SW
OUT
ON
=
−−
()
22
LT1111 • F05
GND
SW2
SW1
LIM
I
IN
V
R3
100
FB
VOUT
+
C2
+
C1
D1
1N5818
VIN
R2
R1
L1
Ω
LT1111
Figure 5. Step-Down Mode Hookup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com