Electronic Components Datasheet Search
  English  ▼

X  

LT1111C Datasheet(PDF) 14 Page - Linear Technology

Part # LT1111C
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111C Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1111C Datasheet HTML 8Page - Linear Technology LT1111C Datasheet HTML 9Page - Linear Technology LT1111C Datasheet HTML 10Page - Linear Technology LT1111C Datasheet HTML 11Page - Linear Technology LT1111C Datasheet HTML 12Page - Linear Technology LT1111C Datasheet HTML 13Page - Linear Technology LT1111C Datasheet HTML 14Page - Linear Technology LT1111C Datasheet HTML 15Page - Linear Technology LT1111C Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1111
S
APPLICATI
TYPICAL
3V to – 22V LCD Bias Generator
9V to 5V Step-Down Converter
20V to 5V Step-Down Converter
IN
V
SW2
SW1
LT1111 • TA03
LIM
I
GND
R1
100
Ω
LT1111
MBRS130T3
4.7
µF
L1*
27
µH
+
–22V OUTPUT
7mA AT 2V INPUT
* L1 = SUMIDA CD54-270K
FOR 5V INPUT CHANGE R1 TO 47
Ω.
CONVERTER WILL DELIVER –22V AT 40mA.
2
× 1.5V
CELLS
3V
FB
22
µF
+
220k
0.1
µF
1N4148
39.2k
1%
732k
1%
MBRS130T3
IN
V
SW2
SW1
LT1111 • TA04
LIM
I
SENSE
GND
100
9V
BATTERY
LT1111-5
MBRS130T3
22
µF
L1*
15
µH
Ω
+
5V OUTPUT
150mA AT 9V INPUT
50mA AT 6.5V INPUT
* L1 = SUMIDA CD54-150K
IN
V
SW2
SW1
LT1111 • TA06
LIM
I
SENSE
GND
100
LT1111-5
MBRS130T3
47
µF
L1*
68
µH
Ω
+
5V OUTPUT
300mA
* L1 = SUMIDA CD74-680M
VIN
12V TO 28V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com