Electronic Components Datasheet Search
  English  ▼

X  

LT1187CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1187CS8
Description  Low Power Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1187CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1187CS8 Datasheet HTML 4Page - Linear Technology LT1187CS8 Datasheet HTML 5Page - Linear Technology LT1187CS8 Datasheet HTML 6Page - Linear Technology LT1187CS8 Datasheet HTML 7Page - Linear Technology LT1187CS8 Datasheet HTML 8Page - Linear Technology LT1187CS8 Datasheet HTML 9Page - Linear Technology LT1187CS8 Datasheet HTML 10Page - Linear Technology LT1187CS8 Datasheet HTML 11Page - Linear Technology LT1187CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1187
APPLICATIO S I FOR ATIO
LT1187 • AI10
LT1187 • AI09
1.5MHz Square Wave Input and Equalized Response
Through 1000 Feet of Twisted-Pair
Multiburst Pattern Passed Through
1000 Feet of Twisted-Pair
Bidirectional Video Bus
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
–
+
LT1195
1k
1k
75
Ω
3
2
6
3
2
6
1k
1k
33
Ω
33
Ω
+
+
–
–
S/D
6
5
3
2
1
8
RFB
300
Ω
75
Ω
LT1187
RG
300
Ω
50
Ω
1000pF
–
+
LT1195
1k
3
2
6
1k
75
Ω
33
Ω
LT1195
LT1195
1k
33
Ω
6
2
3
+
+
–
–
LT1187
5
S/D
3
2
1
8
RFB
300
Ω
50
Ω
RG
300
Ω
1000pF
75
Ω
6
RECEIVE 1
RECEIVE 2
1000 FEET
TWISTED-PAIR
1k
TRANSMIT 2
TRANSMIT 1
–
+
–
+
LT1187 • AI11
15
Ω
15
Ω
15
Ω
15
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com