Electronic Components Datasheet Search
  English  ▼

X  

UPD75218 Datasheet(PDF) 49 Page - NEC

Part # UPD75218
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75218 Datasheet(HTML) 49 Page - NEC

Back Button UPD75218 Datasheet HTML 45Page - NEC UPD75218 Datasheet HTML 46Page - NEC UPD75218 Datasheet HTML 47Page - NEC UPD75218 Datasheet HTML 48Page - NEC UPD75218 Datasheet HTML 49Page - NEC UPD75218 Datasheet HTML 50Page - NEC UPD75218 Datasheet HTML 51Page - NEC UPD75218 Datasheet HTML 52Page - NEC UPD75218 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
49
µPD75218
AC CHARACTERISTICS (Ta = –40 to +85
°C , VDD = 2.7 to 6.0 V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
VDD = 4.5 to 6.0 V
0.67
2.6
32
32
Operation with main
system clock
tCY
CPU clock cycle time
(minimum instruction
execution time = 1
machine cycle)Note 1
Operation with sub-
system clock
114
122
125
VDD = 4.5 to 6.0 V
TI0 input frequency
fTI
0
0
0.6
165
VDD = 4.5 to 6.0 V
tTIH,
tTIL
0.83
3
TI0 input high and low-
level widths
tKCY
SCK cycle time
0.8
0.95
Input
Output
VDD = 4.5 to 6.0 V
3.2
3.8
Input
Output
Input
Output
0.4
tKCY/2–50
VDD = 4.5 to 6.0 V
tKH,
tKL
SCK high and low-level
widths
1.6
tKCY/2–150
Input
Output
100
400
tSIK
SI setup time (referred to
SCK
↑)
µs
µs
µs
MHz
kHz
µs
µs
µs
µs
µs
µs
µs
ns
µs
ns
ns
ns
ns
ns
µs
µs
µs
µs
SI hold time (referred to
SCK
↑)
tKSI
tKSO
Delay from SCK
↓ to SO
output
300
1000
VDD = 4.5 to 6.0 V
Note 2
2tCY
10
10
tINTH,
tINTL
Interrupt input high and
low-level widths
tRSL
RESET low-level width
Notes 1.
CPU clock (
Φ) cycle time is determined by the
oscillator frequency of the connected resona-
tor, the system clock control register (SCC)
and the processor clock control register (PCC).
The cycle time tCY characteristics for power
supply voltage VDD when the main system
clock is in operation is shown on the right.
2.
2tCY or 128/fXX is set by interrupt mode register
(IM0) setting.
40
32
30
6
5
4
3
2
1
0.5
01
2
3
4
5
6
Guaranteed operation
range
tCY VS VDD
(Operation with main system clock)
Power supply voltage VDD [V]
INT0
INT1
INT2,
INT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com