Electronic Components Datasheet Search
  English  ▼

X  

UPD75218 Datasheet(PDF) 2 Page - NEC

Part # UPD75218
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75218 Datasheet(HTML) 2 Page - NEC

  UPD75218 Datasheet HTML 1Page - NEC UPD75218 Datasheet HTML 2Page - NEC UPD75218 Datasheet HTML 3Page - NEC UPD75218 Datasheet HTML 4Page - NEC UPD75218 Datasheet HTML 5Page - NEC UPD75218 Datasheet HTML 6Page - NEC UPD75218 Datasheet HTML 7Page - NEC UPD75218 Datasheet HTML 8Page - NEC UPD75218 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
2
µPD75218
ORDERING INFORMATION
Part number
Package
Quality grade
µPD75218CW-×××
64-pin plastic shrink DIP (750 mil)
Standard
µPD75218GF-×××-3BE
64-pin plastic QFP (14
× 20 mm)
Standard
Remark
××× is a ROM code.
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications
LIST OF FUNCTIONS
ROM: 32640
× 8 bits, RAM: 1024 × 4 bits
• CMOS input
: 8 lines
• CMOS I/O
: 20 lines (LED drive: 8 lines)
• CMOS output : 1 line (PWM/pulse output)
• P-ch open-drain output with high withstand voltage and high current: 4 lines (LED drive)
• 0.67
µs, 1.33 µs, 10.7 µs (with main system clock operating at 6.0 MHz)
• 0.95
µs, 1.91 µs, 15.3 µs (with main system clock operating at 4.19 MHz)
• 122
µs (with subsystem clock operating at 32.768 kHz)
• Number of segments : 9 to 16 segments
• Number of digits
: 9 to 16 digits
• Dimmer function
: 8 levels
• Mask option for pull-down resistors
• Key scan interrupt generation
• Timer/pulse generator : 14-bit PWM output enabled
• Watch timer
: Buzzer output enabled
• Timer/event counter
• Basic interval timer
: Watchdog timer application capability
• MSB start/LSB start switchable
• Serial bus configuration capability
External : 3, Internal : 5
External : 1, Internal : 1
• Ceramic/crystal oscillator for main system clock oscillation : 6.0 MHz standard
• Ceramic/crystal oscillator for main system clock oscillation : 4.19 MHz standard
• Crystal oscillator for subsystem clock oscillation
: 32.768 kHz standard
• High withstand-voltage port (pull-down resistor)
• Port 6 (pull-down resistor)
–40 to +85
°C
2.7 to 6.0 V (standby data hold : 2.0 to 6.0 V)
• 64-pin plastic shrink DIP (750 mil)
• 64-pin plastic QFP (14
× 20 mm)
Item
Function
Built-in memory
I/O line (including FIP
dual-
function pins and excluding
FIP dedicated pins)
Instruction cycle
FIP controller/driver
Timer
Serial interface
Vectored interrupt
Test input
System clock oscillator
Mask option
Operating temperature range
Operating supply voltage
Package
®
4 channels
33 lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com