Electronic Components Datasheet Search
  English  ▼

X  

UPD75218 Datasheet(PDF) 8 Page - NEC

Part # UPD75218
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75218 Datasheet(HTML) 8 Page - NEC

Back Button UPD75218 Datasheet HTML 4Page - NEC UPD75218 Datasheet HTML 5Page - NEC UPD75218 Datasheet HTML 6Page - NEC UPD75218 Datasheet HTML 7Page - NEC UPD75218 Datasheet HTML 8Page - NEC UPD75218 Datasheet HTML 9Page - NEC UPD75218 Datasheet HTML 10Page - NEC UPD75218 Datasheet HTML 11Page - NEC UPD75218 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
8
µPD75218
Pin
I/O
Dual-
function pin
Function
After reset
FIP controller/
driver output
pins.
Pull-down
resistor can
be incorpo-
rated in bit
units (mask
option).
T0 to T9
T10/S15 to
T13/S12
Output
–––
PH3 to PH0
Low level
(with an on-
chip pull-
down
resistor ) or
high
impedance
(without a
pull-down
resistor)
I
3.2
NON-PORT PINS
Output pins with high withstand voltage
and high current also used for digit/seg-
ment output
Extra pins can be used as PORTH.
Output pins with high withstand voltage
and high current for digit output
T14/S11,
T15/S10
–––
Output pins with high withstand voltage
and high current also used for digit/
segment output
Static output also possible.
S9
S0 to S8
High withstand-voltage output for segment
output. Static output also possible.
High withstand-voltage output for segment
output
F
High
impedance
PPO
Output
Input
–––
Timer/pulse generator pulse output
External event pulse input for timer/event counter
P13
Serial clock input/output
TI0
SCK
Serial data output or serial data input/output
Serial data input or normal input
Edge-detected vectored interrupt input (rising and falling
edge detection).
INT0
INT1
SO
SI
INT4
Input/output
Input
Input
Input
P01
P02
P03
P00
P10
P11
Edge-detected vectored interrupt input with noise
elimination function (detection edge selection possible).
Edge-detected testable input (rising edge detection).
Fixed frequency output (for buzzer or system clock
trimming).
Input
Input/output
P12
P23
BUZ
X1
Input
–––
D
Input
B
Input
G
Input
B
B
B
B
Input
E
Input/output
INT2
Crystal/ceramic connection pin for main system clock
oscillation.
External clock input to X1 and its inverted clock input to
X2.
B
Crystal connection pin for subsystem clock oscillation.
External clock input to XT1. Leave XT2 open.
XT1
Input
FIP controller/driver output buffer power supply.
FIP controller/driver pull-down resistor connection pin.
XT2
–––
–––
System reset input (low level active).
RESET
VPRE
Input
–––
Positive power supply.
VLOAD
VDD
–––
–––
I
I
GND potential.
–––
VSS
X2
–––
–––
–––
–––
–––
–––
–––
–––
–––
–––
–––
–––
–––
–––
–––
–––
–––
–––
Note
The circuit-type codes enclosed in circles indicate that the corresponding circuits have a Schmitt-triggered
input.
–––
5
Input / output
circuit typeNote
–––
–––
–––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com