Electronic Components Datasheet Search
  English  ▼

X  

LT1207 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1207
Description  Dual 250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1207 Datasheet(HTML) 3 Page - Linear Technology

  LT1207 Datasheet HTML 1Page - Linear Technology LT1207 Datasheet HTML 2Page - Linear Technology LT1207 Datasheet HTML 3Page - Linear Technology LT1207 Datasheet HTML 4Page - Linear Technology LT1207 Datasheet HTML 5Page - Linear Technology LT1207 Datasheet HTML 6Page - Linear Technology LT1207 Datasheet HTML 7Page - Linear Technology LT1207 Datasheet HTML 8Page - Linear Technology LT1207 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1207
VCM = 0, ±5V ≤ VS ≤ ±15V, pulse tested, VSHDN A = 0V, VSHDN B = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Noninverting Input Current
VS = ±5V to ±15V
q
30
500
nA/V
Power Supply Rejection
Inverting Input Current
VS = ±5V to ±15V
q
0.7
5
µA/V
Power Supply Rejection
AV
Large-Signal Voltage Gain
VS = ±15V, VOUT = ±10V, RL = 50Ω
q
55
71
dB
VS = ±5V, VOUT = ±2V, RL = 25Ω
q
55
68
dB
ROL
Transresistance,
∆VOUT/∆IIN–
VS = ±15V, VOUT = ±10V, RL = 50Ω
q
100
260
k
Ω
VS = ±5V, VOUT = ±2V, RL = 25Ω
q
75
200
k
Ω
VOUT
Maximum Output Voltage Swing
VS = ±15V, RL = 50Ω, TA = 25°C
±11.5
±12.5
V
q
±10.0
V
VS = ±5V, RL = 25Ω, TA = 25°C
±2.5
±3.0
V
q
±2.0
V
IOUT
Maximum Output Current
RL = 1Ω
q
250
500
1200
mA
IS
Supply Current per Amplifier
VS = ±15V, VSHDN = 0V, TA = 25°C20
30
mA
q
35
mA
Supply Current per Amplifier,
VS = ±15V, TA = 25°C12
17
mA
RSHDN = 51k (Note 4)
Positive Supply Current
VS = ±15V, VSHDN A = 15V, VSHDN B = 15V
q
200
µA
per Amplifier, Shutdown
Output Leakage Current, Shutdown
VS = ±15V, VSHDN = 15V, VOUT = 0V
q
10
µA
SR
Slew Rate (Note 5)
AV = 2, TA = 25°C
400
900
V/
µs
Differential Gain (Note 6)
VS = ±15V, RF = 560Ω, RG = 560Ω, RL = 30Ω
0.02
%
Differential Phase (Note 6)
VS = ±15V, RF = 560Ω, RG = 560Ω, RL = 30Ω
0.17
DEG
BW
Small-Signal Bandwidth
VS = ±15V, Peaking ≤ 0.5dB
60
MHz
RF = RG = 620Ω, RL = 100Ω
VS = ±15V, Peaking ≤ 0.5dB
52
MHz
RF = RG = 649Ω, RL = 50Ω
VS = ±15V, Peaking ≤ 0.5dB
43
MHz
RF = RG = 698Ω, RL = 30Ω
VS = ±15V, Peaking ≤ 0.5dB
27
MHz
RF = RG = 825Ω, RL = 10Ω
Note 3: Thermal resistance
θJA varies from 40°C/W to 60°C/W depending
upon the amount of PC board metal attached to the device.
θJA is specified
for a 2500mm2 test board covered with 2oz copper on both sides.
Note 4: RSHDN is connected between the Shutdown pin and ground.
Note 5: Slew rate is measured at
±5V on a ±10V output signal while
operating on
±15V supplies with RF = 1.5k, RG = 1.5k and RL = 400Ω.
Note 6: NTSC composite video with an output level of 2V.
The q denotes specifications which apply for 0
°C ≤ TA ≤ 70°C.
Note 1: Applies to short circuits to ground only. A short circuit between
the output and either supply may permanently damage the part when
operated on supplies greater than
±10V.
Note 2: Commercial grade parts are designed to operate over the
temperature range of – 40
°C to 85°C but are neither tested nor guaranteed
beyond 0
°C to 70°C. Industrial grade parts tested over –40°C to 85°C are
available on special request. Consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com