Electronic Components Datasheet Search
  English  ▼

X  

LT1207 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1207
Description  Dual 250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1207 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1207 Datasheet HTML 3Page - Linear Technology LT1207 Datasheet HTML 4Page - Linear Technology LT1207 Datasheet HTML 5Page - Linear Technology LT1207 Datasheet HTML 6Page - Linear Technology LT1207 Datasheet HTML 7Page - Linear Technology LT1207 Datasheet HTML 8Page - Linear Technology LT1207 Datasheet HTML 9Page - Linear Technology LT1207 Datasheet HTML 10Page - Linear Technology LT1207 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1207
2nd and 3rd Harmonic Distortion
vs Frequency
Output Impedance vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
Output Impedance in Shutdown
vs Frequency
FREQUENCY (Hz)
0.1
1
10
100
100k
10M
100M
LT1207 • TPC19
0.01
1M
VS = ±15V
IO = 0mA
RSHDN = 121k
RSHDN = 0Ω
FREQUENCY (Hz)
100
1k
10k
100k
100k
10M
100M
LT1207 • TPC20
10
1M
AV = 1
RF = 1k
VS = ±15V
FREQUENCY (MHz)
1
–90
–80
–70
–60
–50
–30
310
LT1207 • TPC21
–40
24
5
6 7 8 9
VS = ±15V
VO = 2VP-P
2nd
3rd
RL = 10Ω
2nd
3rd
RL = 30Ω
Test Circuit for 3rd Order Intercept
3rd Order Intercept vs Frequency
FREQUENCY (MHz)
0
10
20
30
40
50
60
5
10
15
20
LT1207 • TPC22
25
30
VS = ±15V
RL = 50Ω
RF = 590Ω
RG = 64.9Ω
–
+
50
Ω
1/2 LT1207
LT1207 • TPC23
65
Ω
590
Ω
PO
MEASURE INTERCEPT AT PO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com