Electronic Components Datasheet Search
  English  ▼

X  

LT1207 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1207
Description  Dual 250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1207 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1207 Datasheet HTML 2Page - Linear Technology LT1207 Datasheet HTML 3Page - Linear Technology LT1207 Datasheet HTML 4Page - Linear Technology LT1207 Datasheet HTML 5Page - Linear Technology LT1207 Datasheet HTML 6Page - Linear Technology LT1207 Datasheet HTML 7Page - Linear Technology LT1207 Datasheet HTML 8Page - Linear Technology LT1207 Datasheet HTML 9Page - Linear Technology LT1207 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1207
Supply Current vs
Ambient Temperature, VS = ±15V
Output Short-Circuit Current
vs Junction Temperature
Supply Current vs Large-Signal
Output Frequency (No Load)
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current
vs Shutdown Pin Current
Input Common Mode Limit
vs Junction Temperature
Output Saturation Voltage
vs Junction Temperature
Power Supply Rejection Ratio
vs Frequency
Supply Current vs
Ambient Temperature, VS = ±5V
4
10
12
16
18
22
8
12
14
24
20
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1207 • TPC10
TJ = –40˚C
TJ = 25˚C
TJ = 85˚C
TJ = 125˚C
VSHDN = 0V
TEMPERATURE (
°C)
–50
0
10
25
0
50
75
LT1207 • TPC11
5
20
15
–25
25
100
125
AV = 1
RL =
∞
RSD = 0Ω
RSD = 10.2k
RSD = 22.1k
TEMPERATURE (
°C)
–50
0
10
25
0
50
75
LT1207 • TPC12
5
20
15
–25
25
100
125
AV = 1
RL =
∞
RSD = 0Ω
RSD = 60.4k
RSD = 121k
TEMPERATURE (
°C)
–50
V–
0.5
1.5
2.0
–2.0
75
V+
LT1207 • TPC14
1.0
0
125
–1.5
–1.0
– 0.5
50
–25
100
25
SHUTDOWN PIN CURRENT (
µA)
0
12
16
20
400
LT1207 • TPC13
8
4
0
100
200
300
500
10
14
18
6
2
VS = ±15V
TEMPERATURE (
°C)
–50
0.7
0.8
1.0
25
75
LT1207 • TPC15
0.6
0.5
–25
0
50
100
125
0.4
0.3
0.9
SOURCING
SINKING
TEMPERATURE (
°C)
–50
V–
1
3
4
–4
75
V+
LT1207 • TPC16
2
0
125
–3
–2
–1
50
–25
100
25
VS = ±15V
RL = 2k
RL = 50Ω
RL = 50Ω
RL = 2k
FREQUENCY (Hz)
20
40
60
70
10k
1M
10M
100M
LT1207 • TPC17
0
100k
50
30
10
RL = 50Ω
VS = ±15V
RF = RG = 1k
NEGATIVE
POSITIVE
Supply Current vs Supply Voltage
FREQUENCY (Hz)
10k
40
50
60
100k
1M
10M
LT1207 • TPC18
30
20
10
AV = 2
RL =
∞
VS = ±15V
VOUT = 20VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com