Electronic Components Datasheet Search
  English  ▼

X  

LT1251CS Datasheet(PDF) 15 Page - Linear Technology

Part # LT1251CS
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1251CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1251CS Datasheet HTML 11Page - Linear Technology LT1251CS Datasheet HTML 12Page - Linear Technology LT1251CS Datasheet HTML 13Page - Linear Technology LT1251CS Datasheet HTML 14Page - Linear Technology LT1251CS Datasheet HTML 15Page - Linear Technology LT1251CS Datasheet HTML 16Page - Linear Technology LT1251CS Datasheet HTML 17Page - Linear Technology LT1251CS Datasheet HTML 18Page - Linear Technology LT1251CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LT1251/LT1256
–
+
–
+
1MHz
CARRIER
AUDIO
MODULATION
2.5VDC
INPUT
50
Ω
RF2
1.5k
VOUT
RF1
1.5k
IC
V+
V+
V–
V–
NULL
1251/56 TA03
2
–
+
–
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CONTROL
LT1256
1
C
0.1
µF
220k
220k
220k
FS
5k
5k
IFS
0.1
µF
0.1
µF
LT1077
AM Modulator with DC Output Nulling Circuit
TYPICAL APPLICATIONS
10k
10k
5V
RF1
1.5k
RF2
1.5k
RG2
1.5k
RG1
1.5k
V1
V2
1251/56 TA06
2
8
9
14
13
7
12
10
5
3
1
10
µF
10
µF
10
µF
10
µF
5V
5V
20k
20k
+
10
µF
µP
VC
RC
RFS
VFS
V+
V–
–
+
–
+
LT1251/LT1256
1
2
VREF
VOUT
VOUT
LTC1257
GND
VCC
DIN
CLK
LOAD
+
+
+
Single Supply Noninverting AC Amplifier
with Digital Gain Control
Single Supply Inverting AC Amplifier
R2
20k
R1
20k
RF1
1.5k
RF2
1.5k
RG1
1.5k
RG2
1.5k
V+
V1
V2
1251/56 TA05
2
8
9
14
13
7
12
10
5
3
1
C1
10
µF
5V
VOUT
2.5VDC
INPUT
CONTROL
VOLTAGE
CO
10
µF
+
C2
10
µF
+
VC
RC
RFS
VFS
V+
V–
–
+
LT1251/LT1256
2
–
+
1
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com