Electronic Components Datasheet Search
  English  ▼

X  

LT1251CS Datasheet(PDF) 20 Page - Linear Technology

Part # LT1251CS
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1251CS Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1251CS Datasheet HTML 16Page - Linear Technology LT1251CS Datasheet HTML 17Page - Linear Technology LT1251CS Datasheet HTML 18Page - Linear Technology LT1251CS Datasheet HTML 19Page - Linear Technology LT1251CS Datasheet HTML 20Page - Linear Technology LT1251CS Datasheet HTML 21Page - Linear Technology LT1251CS Datasheet HTML 22Page - Linear Technology LT1251CS Datasheet HTML 23Page - Linear Technology LT1251CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LT1251/LT1256
ACRO ODEL
For PSpice
TM
*
* Linear Technology LT1251/LT1256 VIDEO FADER MACROMODEL
* Written: 3-11-1994 BY WILLIAM H. GROSS.
* Corrected: 7-15-1996
* Connections: as per datasheet pinout
*1=first noninverting input
*2=first inverting input
*3=control voltage input
*4=control current input
*5=control resistor, RC
*6=null input
*7=negative supply
*8=output
*9=positive supply
*10=full scale resistor, RFS
*11=full scale current input
*12=full scale voltage input
*13=second inverting input
*14=second noninverting input
*
.SUBCKT LT1251 1 2 3 4 5 6 7 8 9 10 11 12 13 14
*
*first input stage
IB1
1
0
500NA
RI1
1
0
17MEG
C1
1
0
1.5PF
E1
2A
0
VALUE={LIMIT (V(1), V(8N)+0.4, V(8P)–0.4)+V(EN)/30}
VOS1
2A
2B
2.5MV
R1
2B
2
27
C2
2
0
1PF
*
*second input stage
IB2
14
0
450NA
RI2
14
0
17MEG
C14
14
0
1.5PF
E2
13A
0
VALUE={LIMIT (V(14), V(8N)+0.4, V(8P)–0.4)+V(EN)/30}
VOS2
13A
13B
1.5MV
R2
13B
13
27
C13
13
0
1PF
*
*control amp
IBC
3
0
–300NA
RIC
3
0
100MEG
C3
3
0
1PF
R3
3
3A
1600
CBWC
3A
0
10PF
EC
3B
0
3A
0
1.0
VOSC
3B
4
5MV
C4
4
0
1PF
RC
4
5
5K
C5
5
0
1PF
*
PSpice is a trademark of MicroSim Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com