Electronic Components Datasheet Search
  English  ▼

X  

LT1251CS Datasheet(PDF) 24 Page - Linear Technology

Part # LT1251CS
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1251CS Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1251CS Datasheet HTML 16Page - Linear Technology LT1251CS Datasheet HTML 17Page - Linear Technology LT1251CS Datasheet HTML 18Page - Linear Technology LT1251CS Datasheet HTML 19Page - Linear Technology LT1251CS Datasheet HTML 20Page - Linear Technology LT1251CS Datasheet HTML 21Page - Linear Technology LT1251CS Datasheet HTML 22Page - Linear Technology LT1251CS Datasheet HTML 23Page - Linear Technology LT1251CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LT1251/LT1256
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 0896 REV A 5K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1994
TYPICAL APPLICATIONS
4-Quadrant Multiplier as a Double-Sideband Suppressed-Carrier Modulator
Modulation Gain vs Control Voltage
–
+
–
+
1MHz
CARRIER
MODULATION
10k
10k*
RF2
1.5k
VOUT
RF1
1.5k
IC
V+
V–
1251/56 TA04a
2
–
+
–
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CONTROL
LT1256
1
CFS
5k
5k
IFS
0.1
µF
0.1
µF
*TRIM FOR SYMMETRY
2.5VDC
INPUT
RG1
1.5k
CONTROL VOLTAGE, PIN 3 (V)
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
2.0
1251/56 TA04b
0.5
1.0
1.5
2.5
VS = ±5V
VFS = 2.5V
1.5k
1.5k
1N914
1N914
1k
5k
VIN
1251/56 TA10a
2
8
200pF
2.5VDC
INPUT
14
13
12
10
5
3
1
VOUT
VC
RC
RFS
VFS
LT1256
–
+
–
+
2
1
9
7
V+
V–
Soft Clipper
VFS = 2.5V
VS = ±5V
f = 1kHz
1251/56 TA10b
VIN
VOUT
PART NUMBER
DESCRIPTION
COMMENTS
LT1228
100MHz Current Feedback Amplifier with DC Gain Control
Includes a 75MHz Transconductance Amplifier
LT1252
Low Cost Video Amplifier
100MHz Bandwidth
LT1253/LT1254
Low Cost Dual and Quad Video Amplifiers
90 MHz Bandwidth
LT1259/LT1260
Low Cost Dual and Triple 130MHz Current Feedback
Makes Fast Video MUX
Amplifiers with Shutdown
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com