Electronic Components Datasheet Search
  English  ▼

X  

LT1336 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1336
Description  Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1336 Datasheet(HTML) 1 Page - Linear Technology

  LT1336 Datasheet HTML 1Page - Linear Technology LT1336 Datasheet HTML 2Page - Linear Technology LT1336 Datasheet HTML 3Page - Linear Technology LT1336 Datasheet HTML 4Page - Linear Technology LT1336 Datasheet HTML 5Page - Linear Technology LT1336 Datasheet HTML 6Page - Linear Technology LT1336 Datasheet HTML 7Page - Linear Technology LT1336 Datasheet HTML 8Page - Linear Technology LT1336 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1336
Half-Bridge N-Channel
Power MOSFET Driver
with Boost Regulator
s
Floating Top Driver Switches Up to 60V
s
Internal Boost Regulator for DC Operation
s
Drives Gate of Top N-Channel MOSFET
above Supply
s
180ns Transition Times Driving 10,000pF
s
Adaptive Nonoverlapping Gate Drives Prevent
Shoot-Through
s
Top Drive Maintained at High Duty Cycles
s
TTL/CMOS Input Levels
s
Undervoltage Lockout with Hysteresis
s
Operates at Supply Voltages from 10V to 15V
s
Separate Top and Bottom Drive Pins
The LT
®1336 is a cost effective half-bridge N-channel
power MOSFET driver. The floating driver can drive the
topside N-channel power MOSFETs operating off a high
voltage (HV) rail of up to 60V (absolute maximum). In
PWM operation an on-chip switching regulator maintains
charge in the bootstrap capacitor even when approaching
and operating at 100% duty cycle.
The internal logic prevents the inputs from turning on the
power MOSFETs in a half-bridge at the same time. Its
unique adaptive protection against shoot-through cur-
rents eliminates all matching requirements for the two
MOSFETs. This greatly eases the design of high efficiency
motor control and switching regulator systems.
During low supply or start-up conditions, the undervoltage
lockout actively pulls the driver outputs low to prevent the
power MOSFETs from being partially turned on. The 0.5V
hysteresis allows reliable operation even with slowly vary-
ing supplies.
FEATURES
DESCRIPTION
s
PWM of High Current Inductive Loads
s
Half-Bridge and Full-Bridge Motor Control
s
Synchronous Step-Down Switching Regulators
s
3-Phase Brushless Motor Drive
s
High Current Transducer Drivers
s
Class D Power Amplifiers
APPLICATIONS
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
+
+
+
SV+
PV+
UVOUT
INTOP
INBOTTOM
16
14
13
12
11
9
8
1
2
10
5
3
4
SWITCH
BOOST
TGATEDR
TGATEFB
TSOURCE
BGATEDR
BGATEFB
LT1336
ISENSE
1N4148
200
µH*
HV = 40V MAX**
CBOOST
1
µF
10
µF
25V
12V
PWM
0Hz TO 100kHz
1336 TA01
IRFZ44
IRFZ44
615
7
1000
µF
100V
SGND
PGND
SWGND
1N4148
RSENSE
2
Ω
1/4W
*SUMIDA RCR-664D-221KC
**FOR HV > 40V SEE “DERIVING THE FLOATING
SUPPLY WITH THE FLYBACK TOPOLOGY” IN
APPLICATIONS INFORMATION SECTION
INTOP INBOTTOM TGATEDR
BGATEDR
L
L
L
L
L
H
L
H
H
L
H
L
H
H
L
L


Similar Part No. - LT1336

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1336 LINER-LT1336_15 Datasheet
266Kb / 20P
Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
More results

Similar Description - LT1336

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
N-Channel Half-Bridge Driver
05-Apr-99
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
Half Bridge N-Channel Power MOSFET Driver
logo
Vishay Siliconix
SIP41101 VISHAY-SIP41101 Datasheet
102Kb / 6P
Half-Bridge N-Channel MOSFET Driver With Break-Before-Make
11-Aug-03
SI9976 VISHAY-SI9976 Datasheet
83Kb / 6P
N-Channel Half-Bridge Driver
19-Apr-04
logo
New Japan Radio
NJW4813 NJRC-NJW4813 Datasheet
185Kb / 14P
Dual Half Bridge Driver with Boost Converter
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
LT1336 LINER-LT1336_15 Datasheet
266Kb / 20P
Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
logo
Vishay Siliconix
SI9976 VISHAY-SI9976_V01 Datasheet
106Kb / 7P
N-Channel Half-Bridge Driver
19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com