Electronic Components Datasheet Search
  English  ▼

X  

LT1336 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1336
Description  Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1336 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1336 Datasheet HTML 6Page - Linear Technology LT1336 Datasheet HTML 7Page - Linear Technology LT1336 Datasheet HTML 8Page - Linear Technology LT1336 Datasheet HTML 9Page - Linear Technology LT1336 Datasheet HTML 10Page - Linear Technology LT1336 Datasheet HTML 11Page - Linear Technology LT1336 Datasheet HTML 12Page - Linear Technology LT1336 Datasheet HTML 13Page - Linear Technology LT1336 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1336
APPLICATIONS INFORMATION
In applications where switching is always above 10kHz
and the duty cycle never exceeds 90%, Pins 1, 15 and 16
can be left open. The bootstrap capacitor is then charged
by conventional bootstrapping. Only a diode needs to be
connected between V + and the Boost pin. A 0.1
µF boot-
strap capacitor is usually adequate using this technique
for driving a single MOSFET under 10,000pF. When driv-
ing multiple MOSFETs in parallel, if the total gate capaci-
tance exceeds 10,000pF, the bootstrap capacitor should
be increased proportionally above 0.1
µF (see Paralleling
MOSFETs).
Deriving the Floating Supply with the Boost Topology
The advantage of using the boost topology is its simplicity.
Only a resistor, a small inductor, a diode and a capacitor
are needed. However, the high voltage rail may not exceed
40V to avoid reaching the collector-base breakdown volt-
age of the internal NPN switch.
The recommended values for the current sense resistor,
inductor and bootstrap capacitor are 2
Ω, 200µH and 1µF
respectively. Using the recommended component values
the boost regulator will run at around 700kHz. To lower the
frequency the inductor value can be increased and to
increase the frequency the inductor value can be de-
creased. The sense resistor should be at least 1.5
Ω to
maintain adequate inductor current limit. The bootstrap
capacitor value should be 1
µF or larger to minimize ripple
voltage. An example of a boost regulator is shown in
Figure 1.
Figure 1. Using the Boost Regulator
SWITCH
SV+
PV+
RSENSE
2
Ω
1/4W
CBOOST
1
µF
D2
1N4148
S
HV = 40V MAX
–
+
VBOOST
1336 F01
LT1336
200
µH*
D1
1N4148
* SUMIDA RCR-664D-221KC
+
+
SWGND
ISENSE
TGATEDR
TGATEFB
BOOST
TSOURCE
The boost regulator works as follows: when switch S is on,
the inductor current ramps up as the magnetic field builds
up. During this interval energy is being stored in the
inductor and no power is transferred to VBOOST. When the
inductor peak current is reached, sensed by the 2
Ω
resistor, the switch is turned off. Energy is no longer
transferred to the inductor causing the magnetic field to
collapse. The collapsing magnetic field induces a change
in voltage across the inductor. The Switch pin voltage rises
until diode D2 starts conducting. As the inductor current
ramps down, the lower inductor current threshold is
reached and switch S is turned off, thus completing the
cycle.
Current drawn from V + is delivered to VBOOST. Some of
this current (~ 1.5mA) flows through the topside driver to
the Top Source pin. This current is typically returned to
ground via the bottom MOSFET or the output load. If the
bottom MOSFET were off and the output load were re-
turned to HV, then the Top Source pin will return the
current to HV through the top MOSFET or the output load.
If the HV supply cannot sink current and no load drawing
greater than 1.5mA is connected to the supply, then a
resistor from HV to ground may be needed to prevent
voltage buildup on the HV supply.
Note that the current drawn from V + and delivered to
VBOOST is significantly higher than the current drawn from
VBOOST as given by:
II
V
V
IN V
OUT
BOOST
+
+
=


Deriving the Floating Supply with the Flyback
Topology
For applications where the high voltage rail is greater than
40V, the flyback topology must be used. To configure a
flyback regulator, a resistor, a diode, a small 1:1 turns ratio
transformer and a capacitor are needed. The maximum
voltage across the switch, assuming an ideal transformer,
will be about V + + 11.3V. Leakage inductance in nonideal
transformers will induce an overvoltage spike at the switch
at the instant when it opens. These spikes can be clamped
using a snubbing network or a Zener. Unlike the boost
topology, the current drawn from V + (assuming no loss)
is equal to the current drawn from VBOOST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com