Electronic Components Datasheet Search
  English  ▼

X  

LT1336 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1336
Description  Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1336 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1336 Datasheet HTML 8Page - Linear Technology LT1336 Datasheet HTML 9Page - Linear Technology LT1336 Datasheet HTML 10Page - Linear Technology LT1336 Datasheet HTML 11Page - Linear Technology LT1336 Datasheet HTML 12Page - Linear Technology LT1336 Datasheet HTML 13Page - Linear Technology LT1336 Datasheet HTML 14Page - Linear Technology LT1336 Datasheet HTML 15Page - Linear Technology LT1336 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LT1336
TYPICAL APPLICATIONS
Kool M
µ is a registered trademark of Magnetics, Inc.
+
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
8
7
6
5
16
15
14
13
12
11
10
9
1
2
3
4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LT1058
TC4428
L*
158
µH
330k
IRFZ44
IRFZ44
IRFZ44
IRFZ44
10
µF
150k
10k
100k
95k
1336 F07
150k
–12V
10k
10k
200k
95k
10k
10k
200k
IN
5V
1k
1k
1k
1k
12V
0.0033
µF
0.1
µF
0.1
µF
1
µF
0.0033
µF
1k
47
µF
47
µF
47
µF
0.1
µF
100
µF
0.1
µF
10
µF
10
µF
0.1
µF
1000
µF
+
1000
µF
1N4148
0.1
µF
1N4148
330k
LOAD
+
+
LT1015
LT1016
+
+
10k
10k
10k
+
+
* Kool M
µ® CORE #77548-A7
35 TURNS 14GA MAGNET WIRE
fCARRIER = 100kHz
60V MAX
SWITCH
SWGND
BOOST
TGATEDR
TGATEFB
TSOURCE
PV+
BGATEDR
LT1336
ISENSE
SV+
INTOP
INBOTTOM
UVOUT
SGND
PGND
BGATEFB
SWITCH
SWGND
BOOST
TGATEDR
TGATEFB
TSOURCE
PV+
BGATEDR
LT1336
ISENSE
SV+
INTOP
INBOTTOM
UVOUT
SGND
PGND
BGATEFB
L*
158
µH
10
µF
+
+
47
µF
+
Figure 7. 200W Class D, 10Hz to 1kHz Amplifier
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com