Electronic Components Datasheet Search
  English  ▼

X  

LT1468 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1468
Description  90MHz, 22V/us 16-Bit Accurate Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1468 Datasheet HTML 4Page - Linear Technology LT1468 Datasheet HTML 5Page - Linear Technology LT1468 Datasheet HTML 6Page - Linear Technology LT1468 Datasheet HTML 7Page - Linear Technology LT1468 Datasheet HTML 8Page - Linear Technology LT1468 Datasheet HTML 9Page - Linear Technology LT1468 Datasheet HTML 10Page - Linear Technology LT1468 Datasheet HTML 11Page - Linear Technology LT1468 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1468
TYPICAL PERFOR A CE CHARACTERISTICS
Undistorted Output Swing
vs Frequency,
±15V
FREQUENCY (kHz)
1
0
20
25
30
10
100
1000
1468 G30
15
10
5
AV = 1
AV = –1
VS = ±15V
RL = 2k
FREQUENCY (Hz)
20
0.0001
0.001
0.010
100
1k
20k
10k
1468 G28
VS = ±15V
TA = 25°C
RL = 600Ω
VO = 20VP-P
NOISE BW = 80kHz
AV = 10
AV = 1
MEASUREMENT
LIMIT
Total Harmonic Distortion + Noise
vs Frequency
Total Harmonic Distortion + Noise
vs Amplitude
OUTPUT SIGNAL (VRMS)
0.01
–110
–70
–60
–50
0.1
1
10
1468 G29
–80
–90
–100
±15V
±5V
TA = 25°C
AV = 10
RL = 600Ω
f = 10kHz
NOISE BW = 80kHz
Undistorted Output Swing
vs Frequency,
±5V
FREQUENCY (kHz)
1
4
5
6
7
8
10
100
1000
1468 G33
3
2
1
0
9
10
VS = ±5V
RL = 2k
AV = 1
AV = –1
SOURCE RESISTANCE, RS (Ω)
1
10
10
1k
10k
100k
1468 G36
0.1
100
100
VS = ±15V
TA = 25°C
f = 10kHz
TOTAL
NOISE
RESISTOR
NOISE ONLY
RS
–
+
Total Noise vs Unmatched
Source Resistance
Small-Signal Transient, AV = 1
VS = ±15V
1468 G31
Small-Signal Transient, AV = – 1
VS = ±15V
1468 G32
Large-Signal Transient, AV = 1
VS = ±15V
1468 G34
Large-Signal Transient, AV = – 1
VS = ±15V
1468 G32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com