Electronic Components Datasheet Search
  English  ▼

X  

LT1468 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1468
Description  90MHz, 22V/us 16-Bit Accurate Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Datasheet(HTML) 5 Page - Linear Technology

  LT1468 Datasheet HTML 1Page - Linear Technology LT1468 Datasheet HTML 2Page - Linear Technology LT1468 Datasheet HTML 3Page - Linear Technology LT1468 Datasheet HTML 4Page - Linear Technology LT1468 Datasheet HTML 5Page - Linear Technology LT1468 Datasheet HTML 6Page - Linear Technology LT1468 Datasheet HTML 7Page - Linear Technology LT1468 Datasheet HTML 8Page - Linear Technology LT1468 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1468
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT COMMON MODE VOLTAGE (V)
–15
–20
0
20
0
10
1468 G03
–40
–60
–80
–10
– 5
5
40
IB
–
IB
+
60
80
15
VS = ±15V
TA = 25°C
Input Bias Current
vs Input Common Mode Voltage
TEMPERATURE (
°C)
–50
0
10
IB
–
IB
+
30
25
75
1468 G04
–10
–20
–25
0
50
100
125
–30
–40
20
VS = ±15V
Input Bias Current
vs Temperature
SUPPLY VOLTAGE (
±V)
0
1
2
3
4
5
6
125
°C
25
°C
–55
°C
7
510
15
20
1468 G01
Supply Current vs Supply Voltage
and Temperature
SUPPLY VOLTAGE (
±V)
0
V –
1.0
2.0
– 2.0
3
6
912
1468 G02
15
–1.0
0.5
1.5
–1.5
V +
– 0.5
18
TA = 25°C
∆VOS < 100µV
Input Common Mode Range
vs Supply Voltage
0.1Hz to 10Hz Voltage Noise
TIME (1s/DIV)
1468 G06
VS = ±15V
Input Noise Spectral Density
FREQUENCY (Hz)
1
1
100
1000
10
100
1k
10k
100k
1468 G05
10
0.01
1
in
en
10
0.1
VS = ±15V
TA = 25°C
AV = 101
RS = 100k FOR in
Warm-Up Drift vs Time
TIME AFTER POWER UP (s)
0
20
40
60
80
100
120
140
–40
–35
–25
–20
–15
5
1468 G07
–30
–10
–5
0
S0-8
±15V
N8
±5V
S0-8
±5V
N8
±15V
LOAD RESISTANCE (
Ω)
10
110
130
135
140
100
1k
10k
1468 G08
125
120
115
TA = 25°C
VS = ±15V
VS = ±5V
Open-Loop Gain
vs Resistive Load
Open-Loop Gain
vs Temperature
TEMPERATURE (
°C)
–50
130
140
160
25
75
1468 G09
120
110
–25
0
50
100
125
100
90
150
RL = 2k
VS = ±15V
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com