Electronic Components Datasheet Search
  English  ▼

X  

LT1468 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1468
Description  90MHz, 22V/us 16-Bit Accurate Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Datasheet(HTML) 2 Page - Linear Technology

  LT1468 Datasheet HTML 1Page - Linear Technology LT1468 Datasheet HTML 2Page - Linear Technology LT1468 Datasheet HTML 3Page - Linear Technology LT1468 Datasheet HTML 4Page - Linear Technology LT1468 Datasheet HTML 5Page - Linear Technology LT1468 Datasheet HTML 6Page - Linear Technology LT1468 Datasheet HTML 7Page - Linear Technology LT1468 Datasheet HTML 8Page - Linear Technology LT1468 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1468
(Note 1)
Total Supply Voltage (V+ to V –) ............................... 36V
Maximum Input Current (Note 2) ......................... 10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range ................ – 40
°C to 85°C
Specified Temperature Range (Note 4) ... – 40
°C to 85°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
ORDER PART
NUMBER
LT1468CN8
LT1468CS8
LT1468IN8
LT1468IS8
S8 PART MARKING
1468
1468I
Consult factory for Military Grade parts.
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
*DO NOT CONNECT
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
NULL
– IN
+ IN
V –
DNC*
V +
VOUT
NULL
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±15V
30
75
µV
±5V
50
175
µV
IOS
Input Offset Current
±5V to ±15V
13
50
nA
IB–
Inverting Input Bias Current
±5V to ±15V
3
±10
nA
IB+
Noninverting Input Bias Current
±5V to ±15V
– 10
±40
nA
Input Noise Voltage
0.1Hz to 10Hz
±5V to ±15V
0.3
µVP-P
en
Input Noise Voltage
f = 10kHz
±5V to ±15V
5
nV/
√Hz
in
Input Noise Current
f = 10kHz
±5V to ±15V
0.6
pA/
√Hz
RIN
Input Resistance
VCM = ±12.5V
±15V
100
240
M
Ω
Differential
±15V
50
150
k
Ω
CIN
Input Capacitance
±15V
4
pF
Input Voltage Range +
±15V
12.5
13.5
V
±5V
2.5
3.5
V
Input Voltage Range –
±15V
–14.3
–12.5
V
±5V
– 4.3
–2.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±12.5V
±15V
96
110
dB
VCM = ±2.5V
±5V
96
112
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±15V
100
112
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12.5V, RL = 10k
±15V
1000
9000
V/mV
VOUT = ±12.5V, RL = 2k
±15V
500
5000
V/mV
VOUT = ±2.5V, RL = 10k
±5V
1000
6000
V/mV
VOUT = ±2.5V, RL = 2k
±5V
500
3000
V/mV
VOUT
Output Swing
RL = 10k, VIN = ±1mV
±15V
±13.0
±13.6
V
RL = 2k, VIN = ±1mV
±15V
±12.8
±13.5
V
RL = 10k, VIN = ±1mV
±5V
±3.0
±3.6
V
RL = 2k, VIN = ±1mV
±5V
±2.8
±3.5
V
IOUT
Output Current
VOUT = ±12.5V
±15V
±15
±22
mA
VOUT = ±2.5V
±5V
±15
±22
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±0.2V
±15V
±25
±40
mA
TA = 25°C, VCM = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com