Electronic Components Datasheet Search
  English  ▼

X  

LT1507C Datasheet(PDF) 1 Page - Linear Technology

Part # LT1507C
Description  500kHz Monolithic Buck Mode Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1507C Datasheet(HTML) 1 Page - Linear Technology

  LT1507C Datasheet HTML 1Page - Linear Technology LT1507C Datasheet HTML 2Page - Linear Technology LT1507C Datasheet HTML 3Page - Linear Technology LT1507C Datasheet HTML 4Page - Linear Technology LT1507C Datasheet HTML 5Page - Linear Technology LT1507C Datasheet HTML 6Page - Linear Technology LT1507C Datasheet HTML 7Page - Linear Technology LT1507C Datasheet HTML 8Page - Linear Technology LT1507C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1507
500kHz Monolithic
Buck Mode Switching Regulator
5V to 3.3V Efficiency
LOAD CURRENT (A)
0
100
90
80
70
60
50
1.00
LT1507 • TA02
0.25
0.50
0.75
1.25
VIN = 5V
VOUT = 3.3V
TYPICAL APPLICATION
5V to 3.3V Volt Down Converter
VIN
SHDN
VSW
SENSE
BOOST
GND
VC
LT1507-3.3
D2
†
1N914
C2
0.1
µF
L1***
5
µH
D1
1N5818
CC
3.3nF
+
C1**
100
µF
10V
TANTALUM
OUTPUT
3.3V
1.25A
DEFAULT
(OPEN)
= ON
+
C3*
47
µF
16V
TANTALUM
5V
*
**
***
†
AVX TPSD477M016R0150 OR SPRAGUE 593D EQUIVALENT.
RIPPLE CURRENT RATING
≥ 0.6A
AVX TPSD108M010R0100 OR SPRAGUE 593D EQUIVALENT
COILTRONICS CTX5-1. SUBSTITUTION UNITS SHOULD BE RATED
AT
≥ 1.25A, USING LOW LOSS CORE MATERIAL
SEE BOOST PIN CONSIDERATIONS IN APPLICATIONS INFORMATION
SECTION FOR ALTERNATIVE D2 CONNECTION
with all the necessary oscillator, control and logic cir-
cuitry. High switching frequency allows a considerable
reduction in the size of external components. The topology
is current mode for fast transient response and good loop
stability. Both fixed output voltage (3.3V) and adjustable
parts are available.
A special high speed bipolar process and new design
techniques allow this regulator to achieve high efficiency
at a high switching frequency. Efficiency is maintained
over a wide output current range by keeping quiescent
supply current to 4mA and by utilizing a supply boost
capacitor to allow the NPN power switch to saturate. A
shutdown signal will reduce supply current to 20
µA. The
LT1507 can be externally synchronized from 570kHz to
1MHz with logic level inputs.
The LT1507 fits into standard 8-pin SO and PDIP pack-
ages. Temperature rise is kept to a minimum by the high
efficiency design. Full cycle-by-cycle short-circuit protec-
tion and thermal shutdown are provided. Standard surface
mount external parts are used including the inductor and
capacitors.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Portable Computers
s
Battery-Powered Systems
s
Battery Charger
s
Distributed Power
APPLICATIONS
FEATURES
s
Constant 500kHz Switching Frequency
s
Uses All Surface Mount Components
s
Operates with Inputs as Low as 4V
s
Saturated Switch Design (0.3
Ω)
s
Cycle-by-Cycle Current Limiting
s
Easily Synchronizable
s
Inductor Size as Low as 2
µH
s
Shutdown Current: 20
µA
The LT
®1507 is a 500kHz monolithic buck mode switching
regulator, functionally identical to the LT1375 but opti-
mized for lower input voltage applications. It will operate
over a 4V to 15V input range, compared with 5.5V to 25V
for the LT1375. A 1.5A switch is included on the die along
DESCRIPTION


Similar Part No. - LT1507C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1507 LINER-LT1507 Datasheet
96Kb / 12P
500mA Low Voltage Step-Down Synchronous
logo
Diodes Incorporated
LT1507G DIODES-LT1507G Datasheet
55Kb / 2P
1.5A GLASS PASSIVATED RECTIFIER
DS29005 Rev. B-3
logo
Linear Technology
LT1507 LINER-LT1507_15 Datasheet
302Kb / 20P
500kHz Monolithic Buck Mode Switching Regulator
More results

Similar Description - LT1507C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
logo
Linear Technology
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
4.5A, 500kHz Step-Down Switching Regulator
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
5A, 500kHz PowerWise짰 Synchronous Buck Regulator
logo
Linear Technology
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
logo
Linear Technology
LT1370CR-PBF LINER-LT1370CR-PBF Datasheet
179Kb / 16P
500kHz High Efficiency 6A Switching Regulator
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
500kHz High Efficiency 6A Switching Regulator
LT1507 LINER-LT1507_15 Datasheet
302Kb / 20P
500kHz Monolithic Buck Mode Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com