Electronic Components Datasheet Search
  English  ▼

X  

LT1507C Datasheet(PDF) 17 Page - Linear Technology

Part # LT1507C
Description  500kHz Monolithic Buck Mode Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1507C Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1507C Datasheet HTML 12Page - Linear Technology LT1507C Datasheet HTML 13Page - Linear Technology LT1507C Datasheet HTML 14Page - Linear Technology LT1507C Datasheet HTML 15Page - Linear Technology LT1507C Datasheet HTML 16Page - Linear Technology LT1507C Datasheet HTML 17Page - Linear Technology LT1507C Datasheet HTML 18Page - Linear Technology LT1507C Datasheet HTML 19Page - Linear Technology LT1507C Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1507
APPLICATIONS INFORMATION
For VIN = 4.7, VOUT = 3.3V, f = 1MHz, L = 5µH and DCS = 25%:
VmV
P-P ≥
−−




=
−
(.
.)(
. )
.
66 47 1 0 25
2 1 10
5 10
1 8
71
66
To avoid small values of RS, the compensation capacitor (CC)
should be made as small as possible. 2000pF will work in
most situations. If we increase VPP to 90mV for a little
cushion, RS will be:
Rk
CpF
S =
()

 ()


=
≥
()

()
=
−
()( .
)( .
)
.
.
5 0 25 0 75
0 09 2 10
1 10
52
20
2 1 10
5200
612
96
6
π
THERMAL CALCULATIONS
Power dissipation in the LT1507 chip comes from four
sources: switch DC loss, switch AC loss, boost circuit
current and input quiescent current. The formulas below
show how to calculate each of these losses. These formu-
las assume continuous mode operation, so they should
not be used for calculating efficiency at light load currents.
Switch loss:
P
RI
V
V
ns I
V
f
SW
SW OUT
OUT
IN
OUT
IN
=+
() (
)
()(
)( )
2
16
Boost current loss:
P
V
V
I
BOOST
OUT
IN
OUT
=+


2
0 008
75
.
Quiescent current loss:
PV
V
Q
IN
OUT
=+
(.
)
( .
)
0 003
0 005
RSW = Switch resistance (≈ 0.4Ω)
16ns = Equivalent switch current/voltage overlap time
f = Switching frequency
works by prematurely tripping the oscillator before it
reaches its normal peak value. For instance, if the oscilla-
tor is synchronized at twice its nominal frequency, oscil-
lator amplitude will drop by half. A ramp which previously
started at the 40% point now starts at the 80% point! This
effectively blocks slope compensation and the regulator
may respond with fluctuating pulse widths, a “phase
oscillation” if you will. The regulator output stays in
regulation but subharmonic frequencies are generated at
the switch node.
The solution to this problem is to generate an external
ramp that replaces the missing internal ramp. As it turns
out, this is not difficult if the sync signal can be arranged
to have a fairly low duty cycle (< 35%). The ramp is created
by AC coupling a resistor from the sync signal to the
compensation capacitor as shown in Figure 7. This gener-
ates a negative ramp on the VC pin during switch ON time
that emulates the missing internally generated ramp.
Amplitude of the ramp should be about 100mV to 200mV
peak-to-peak. The formulas for calculating the values of
RS and CS are shown below. Note that the CS value is
unimportant as long as it exceeds the value given. The
formula assures that the impedance of CS will be small
compared to RS.
R
VDC
DC
VC
f
C
fR
S
SYNC
S
S
C
S
S
=
−
>
()(
)
()( )
()( )
1
20
2
P-P
π
VSYNC = Peak-to-peak value of sync signal
DCS = Duty cycle of incoming sync signal
VP-P = Desired amplitude of ramp
f = Sync frequency
Theoretical minimum amplitude for the ramp, assuming
no internal ramp, is:
V
VV
DC
fL g
OUT
IN
S
mP
P-P ≥
−−
()(
)
()( )(
)
21
2
gmP = Transconductance from VC pin to switch current
(1.8A/V for the LT1507).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com