Electronic Components Datasheet Search
  English  ▼

X  

LT1507C Datasheet(PDF) 19 Page - Linear Technology

Part # LT1507C
Description  500kHz Monolithic Buck Mode Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1507C Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1507C Datasheet HTML 12Page - Linear Technology LT1507C Datasheet HTML 13Page - Linear Technology LT1507C Datasheet HTML 14Page - Linear Technology LT1507C Datasheet HTML 15Page - Linear Technology LT1507C Datasheet HTML 16Page - Linear Technology LT1507C Datasheet HTML 17Page - Linear Technology LT1507C Datasheet HTML 18Page - Linear Technology LT1507C Datasheet HTML 19Page - Linear Technology LT1507C Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LT1507
APPLICATIONS INFORMATION
move around, but at the same time phase moves with it so
that adequate phase margin is maintained over a very wide
range of ESR (
≥ 5:1)
Undervoltage Lockout
See Application Information in LT1376 data sheet.
N8 0695
0.005
(0.127)
MIN
0.100
± 0.010
(2.540
± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.015
(0.380)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
N8 Package
8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
components. In many cases only CC is needed. Adding RC
will improve phase margin, but this may necessitate the need
for CF to limit switching frequency ripple at the VC pin.
In Figure 10, full loop phase/gain characteristics are shown
with a compensation capacitor (CC) of 0.0033µF, giving the
error amplifier a pole at 240Hz, with phase rolling off to 90
°
and staying there. The overall loop has a gain of 77dB at low
frequency rolling off to unity gain at 20kHz. Phase shows a
2-pole characteristic until the ESR of the output capacitor
brings it back above 10kHz. Phase margin is about 60
° at
unity-gain.
Analog experts will note that around 1kHz, phase dips to
within 20
° of the zero phase margin line. This is typical of
switching regulators because of the 2-pole rolloff generated
by the output capacitor and the compensation network. This
region of low phase is not a problem as long as it does not
occur near unity-gain. In practice, the variability of output
capacitor ESR tends to dominate all other effects with respect
to loop response. Variations in ESR
will cause unity-gain to
FREQUENCY (kHz)
80
60
40
20
0
–20
200
150
100
50
0
–50
0.01
1
0.1
10
100
100
LT1511 • F10
VIN = 10V
VOUT = 5V, IOUT = 500mA
COUT = 100µF, 10V, AVX TPS
CC = 3.3nF, RC = 0
L = 10
µH
GAIN
PHASE
Figure 10. Overall Loop Phase and Gain
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com