Electronic Components Datasheet Search
  English  ▼

X  

LT1513 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1513
Description  SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1513 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1513 Datasheet HTML 8Page - Linear Technology LT1513 Datasheet HTML 9Page - Linear Technology LT1513 Datasheet HTML 10Page - Linear Technology LT1513 Datasheet HTML 11Page - Linear Technology LT1513 Datasheet HTML 12Page - Linear Technology LT1513 Datasheet HTML 13Page - Linear Technology LT1513 Datasheet HTML 14Page - Linear Technology LT1513 Datasheet HTML 15Page - Linear Technology LT1513 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1513/LT1513-2
TYPICAL APPLICATIONS
This Cold Cathode Fluorescent Lamp driver uses a Royer
class self-oscillating sine wave converter to driver a high
voltage lamp with an AC waveform. CCFL Royer converters
have significantly degraded efficiency if they must operate at
low input voltages, and this circuit was designed to handle
input voltages as low as 2.7V. Therefore, the LT1513 is
connected to generate a negative current through L2 that
allows the Royer to operate as if it were connected to a
constant higher voltage input.
The Royer output winding and the bulb are allowed to float in
this circuit. This can yield significantly higher efficiency in
situations where the stray bulb capacitance to surrounding
enclosure is high. To regulate bulb current in Figure 9, Royer
input current is sensed with R2 and filtered with R3 and C6.
This negative feedback signal is applied to the IFB pin of the
LT1513. For more information on this circuit contact the LTC
Applications Department and see Design Note 133. Consid-
erable written application literature on Royer CCFL circuits is
also available from other LTC Application and Design Notes.
2.7V
TO 20V
L1
20
µH
C2
4.7
µF
CERAMIC
C1
47
µF
ELECT
R4
20k
R3
10k
R5
330k
PWM DIMMING
(
≈1kHz)
5
1
2
3
10
6
T1
•
•
4
C5
4.7nF
C9
1
µF
C10
10nF
D1
3A
R1
470
Ω
C3
0.082
µF
WIMA
C4
27pF
3kV
LAMP CURRENT
5.6mA
NEGATIVE VOLTAGE
IS GENERATED HERE
R2
0.25
Ω
1513 F09
R7
2k
D2
15V
3
2
4, TAB
7
6
1
5
L2
20
µH
CCFL
C6
0.1
µF
+
•
Q2
Q1
C2: TOKIN MULTILAYER CERAMIC
C3: MUST BE A LOW LOSS CAPACITOR, WIMA MKP-20 OR EQUIVALENT
L1, L2: COILTRONICS CTX20-4 (MUST BE SEPARATE INDUCTORS)
Q1, Q2: ZETEX ZTX849 OR FZT849
T1: COILTRONICS CTX110605 (67:1)
LT1513-2
VFB
VIN
VSW
IFB
GND
S/S
VC
Figure 9. CCFL Power Supply for Floaing Lamp Configuration Operates on 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com