Electronic Components Datasheet Search
  English  ▼

X  

LT1513 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1513
Description  SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1513 Datasheet(HTML) 4 Page - Linear Technology

  LT1513 Datasheet HTML 1Page - Linear Technology LT1513 Datasheet HTML 2Page - Linear Technology LT1513 Datasheet HTML 3Page - Linear Technology LT1513 Datasheet HTML 4Page - Linear Technology LT1513 Datasheet HTML 5Page - Linear Technology LT1513 Datasheet HTML 6Page - Linear Technology LT1513 Datasheet HTML 7Page - Linear Technology LT1513 Datasheet HTML 8Page - Linear Technology LT1513 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1513/LT1513-2
TEMPERATURE (
°C)
–50
–50
–30
0
0
50
75
LT1513 • G06
–40
–10
–20
–25
25
100 125
150
CHARGING CURRENT (A)
12
10
8
6
4
2
0
0.4
0.8
1.2
1.6
1513 G07
2.0
0.2
0
0.6
1.0
1.4
1.8
(A) 8.4V BATTERY
I CHRG = 0.5A
(B) 8.4V BATTERY
I CHRG = 1A
(C) 4.2V BATTERY
I CHRG = 1.5A
VIN = 12V
MAXIMUM AVAILABLE
CHARGING CURRENT
WITH 12V INPUT
(A)
(B)
(C)
Negative Feedback Input Current
vs Temperature
Output Charging Characteristics
Showing Constant-Current and
Constant-Voltage Operation
TEMPERATURE (
°C)
–50
0
0.5
1.0
1.5
2.0
050
100
150
LT1513 • G04
2.5
3.0
–25
25
75
125
fSYNC = 700kHz
Minimum Peak-to-Peak
Synchronization Voltage vs Temperature
TEMPERATURE (
°C)
–50
400
500
600
150
LT1513 • G05
300
200
0
0
50
100
100
800
700
–25
25
75
125
VFB = VREF
Feedback Input Current
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Saturation Voltage
vs Switch Current
Minimum Input Voltage
vs Temperature
Switch Current Limit
vs Duty Cycle
TEMPERATURE (
°C)
–50
1.8
2.0
2.2
2.4
2.6
050
100
150
LT1513 • G03
2.8
3.0
–25
25
75
125
DUTY CYCLE (%)
0
2
4
6
1
3
5
20
40
60
80
LT1513 • G02
100
10
0
30
50
70
90
25
°C AND
125
°C
–55
°C
SWITCH CURRENT (A)
0
0.6
0.8
1.0
3.2
LT1513 • G01
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
0.8
1.6
2.4
4.0
2.8
0.4
1.2
2.0
3.6
100
°C
150
°C
25
°C
–55
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com