Electronic Components Datasheet Search
  English  ▼

X  

LT1513 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1513
Description  SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1513 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1513 Datasheet HTML 8Page - Linear Technology LT1513 Datasheet HTML 9Page - Linear Technology LT1513 Datasheet HTML 10Page - Linear Technology LT1513 Datasheet HTML 11Page - Linear Technology LT1513 Datasheet HTML 12Page - Linear Technology LT1513 Datasheet HTML 13Page - Linear Technology LT1513 Datasheet HTML 14Page - Linear Technology LT1513 Datasheet HTML 15Page - Linear Technology LT1513 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1513/LT1513-2
© LINEAR TECHNOLOGY CORPORATION 1996
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
1513fa LT/TP 0198 REV A 4K • PRINTED IN THE USA
PART NUMBER DESCRIPTION
COMMENTS
LT1239
Backup Battery Management System
Charges Backup Battery and Regulates Backup Battery Output when
Main Battery Removed
LTC
®1325
Microprocessor Controlled Battery Management System
Can Charge, Discharge and Gas Gauge NiCd, NiMH and Pb-Acid Batteries
with Software Charging Profiles
LT1510
1.5A Constant-Current/Constant-Voltage Battery Charger
Step-Down Charger for Li-Ion, NiCd and NiMH
LT1511
3.0A Constant-Current/Constant-Voltage Battery Charger
Step-Down Charger that Allows Charging During Computer Operation and
with Input Current Limiting
Prevents Wall-Adapter Overload
LT1512
SEPIC Constant-Current/Constant-Voltage Battery Charger Step-Up/Step-Down Charger for Up to 1A Current
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com