Electronic Components Datasheet Search
  English  ▼

X  

LT1576 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1576
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576 Datasheet(HTML) 1 Page - Linear Technology

  LT1576 Datasheet HTML 1Page - Linear Technology LT1576 Datasheet HTML 2Page - Linear Technology LT1576 Datasheet HTML 3Page - Linear Technology LT1576 Datasheet HTML 4Page - Linear Technology LT1576 Datasheet HTML 5Page - Linear Technology LT1576 Datasheet HTML 6Page - Linear Technology LT1576 Datasheet HTML 7Page - Linear Technology LT1576 Datasheet HTML 8Page - Linear Technology LT1576 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LT1576/LT1576-5
1.5A, 200kHz Step-Down
Switching Regulator
BOOST
LT1576
VIN
SHDN
OUTPUT**
5V, 1.25A
* RIPPLE CURRENT RATING
≥ IOUT/2
** INCREASE L1 TO 30
µH FOR LOAD
CURRENTS ABOVE 0.6A AND TO
60
µH ABOVE 1A
SEE APPLICATIONS INFORMATION
INPUT
6V TO 25V
1576 TA01
C2
0.33
µF
CC
100pF
D1
1N5818
C1
100
µF, 10V
SOLID
TANTALUM
C3*
10
µF TO
50
µF
OPEN = ON
D2
1N914
L1**
15
µH
VSW
FB
BIAS
GND
VC
+
+
R2
4.99k
R1
15.8k
5V Buck Converter
Efficiency vs Load Current
s
Constant 200kHz Switching Frequency
s
1.21V Reference Voltage
s
Fixed 5V Output Option
s
Easily Synchronizable
s
Uses All Surface Mount Components
s
Inductor Size Reduced to 15
µH
s
Saturating Switch Design: 0.2
Ω
s
Effective Supply Current: 1.16mA
s
Shutdown Current: 20
µA
s
Cycle-by-Cycle Current Limiting
s
Fused Lead SO-8 Package
The LT
®1576 is a 200kHz monolithic buck mode switching
regulator. A 1.5A switch is included on the die along with
all the necessary oscillator, control and logic circuitry. The
topology is current mode for fast transient response and
good loop stability. The LT1576 is a modified version of the
industry standard LT1376 optimized for noise sensitive
applications.
In addition, the reference voltage has been lowered to
allow the device to produce output voltages down to 1.2V.
Quiescent current has been reduced by a factor of two.
Switch on resistance has been reduced by 30%. Switch tran-
sition times have been slowed to reduce EMI generation.
The oscillator frequency has been reduced to 200kHz to
maintain high efficiency over a wide output current range.
The pinout has been changed to improve PC layout by
allowing the high current high frequency switching cir-
cuitry to be easily isolated from low current noise sensitive
control circuitry. The new SO-8 package includes a fused
ground lead which significantly reduces the thermal resis-
tance of the device to extend the ambient operating tem-
perature range. There is an optional function of shutdown
or synchronization. Standard surface mount external parts
can be used including the inductor and capacitors.
s
Portable Computers
s
Battery-Powered Systems
s
Battery Charger
s
Distributed Power
, LTC and LT are registered trademarks of Linear Technology Corporation.
LOAD CURRENT (A)
0
100
95
90
85
80
75
70
0.25
0.50
0.75
1.00
1576 TA02
1.25
1.50
VOUT = 5V
VIN = 10V
L = 33
µH
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATION


Similar Part No. - LT1576

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
More results

Similar Description - LT1576

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Linear Technology
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_1 Datasheet
285Kb / 30P
5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
1.5A,40V,200KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com