Electronic Components Datasheet Search
  English  ▼

X  

LT1576 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1576
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1576 Datasheet HTML 2Page - Linear Technology LT1576 Datasheet HTML 3Page - Linear Technology LT1576 Datasheet HTML 4Page - Linear Technology LT1576 Datasheet HTML 5Page - Linear Technology LT1576 Datasheet HTML 6Page - Linear Technology LT1576 Datasheet HTML 7Page - Linear Technology LT1576 Datasheet HTML 8Page - Linear Technology LT1576 Datasheet HTML 9Page - Linear Technology LT1576 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LT1576/LT1576-5
PIN FUNCTIONS
VSW (Pin 1): The switch pin is the emitter of the on-chip
power NPN switch. This pin is driven up to the input pin
voltage during switch on time. Inductor current drives the
switch pin negative during switch off time. Negative volt-
age is clamped with the external catch diode. Maximum
negative switch voltage allowed is – 0.8V.
VIN (Pin 2): This is the collector of the on-chip power NPN
switch. This pin powers the internal circuitry and internal
regulator when the BIAS pin is not present. At NPN switch
on and off, high dI/dt edges occur on this pin. Keep the
external bypass and catch diode close to this pin. All trace
inductance on this path will create a voltage spike at switch
off, adding to the VCE voltage across the internal NPN.
BOOST (Pin 3): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal
bipolar NPN power switch. Without this added voltage, the
typical switch voltage loss would be about 1.5V. The
additional boost voltage allows the switch to saturate and
voltage loss approximates that of a 0.2
Ω FET structure.
Efficiency improves from 75% for conventional bipolar
designs to > 88% for these new parts.
GND (Pin 4): The GND pin connection needs consideration
for two reasons. First, it acts as the reference for the
regulated output, so load regulation will suffer if the
“ground” end of the load is not at the same voltage as the
GND pin of the IC. This condition will occur when load
current or other currents flow through metal paths be-
tween the GND pin and the load ground point. Keep the
ground path short between the GND pin and the load and
use a ground plane when possible. The second consider-
ation is EMI caused by GND pin current spikes. Internal
capacitance between the VSW pin and the GND pin creates
very narrow (<10ns) current spikes in the GND pin. If the
GND pin is connected to system ground with a long metal
trace, this trace may radiate excess EMI. Keep the path
between the input bypass and the GND pin short.
BIAS (Pin 5): The BIAS pin is used to improve efficiency
when operating at higher input voltages and light load
current. Connecting this pin to the regulated output volt-
age forces most of the internal circuitry to draw its
operating current from the output voltage rather than the
input supply. This is a much more efficient way of doing
business if the input voltage is much higher than the
output.
Minimum output voltage setting for this mode of
operation is 3.3V. Efficiency improvement at VIN = 20V,
VOUT = 5V, and IOUT = 25mA is over 10%.
VC (Pin 6): The VC pin is the output of the error amplifier
and the input of the peak switch current comparator. It is
normally used for frequency compensation, but can do
double duty as a current clamp or control loop override.
BOOST Pin Current
SWITCH CURRENT (A)
0
30
25
20
15
10
5
0
0.25
0.50
0.75
1.00
1576 G19
1.25
1.50
VC Pin Shutdown Threshold
JUNCTION TEMPERATURE (
°C)
–50
1.0
0.8
0.6
0.4
0.2
0
100
1576 G20
–25
0
25
50
75
125
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com