Electronic Components Datasheet Search
  English  ▼

X  

LT1576 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1576
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576 Datasheet(HTML) 2 Page - Linear Technology

  LT1576 Datasheet HTML 1Page - Linear Technology LT1576 Datasheet HTML 2Page - Linear Technology LT1576 Datasheet HTML 3Page - Linear Technology LT1576 Datasheet HTML 4Page - Linear Technology LT1576 Datasheet HTML 5Page - Linear Technology LT1576 Datasheet HTML 6Page - Linear Technology LT1576 Datasheet HTML 7Page - Linear Technology LT1576 Datasheet HTML 8Page - Linear Technology LT1576 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LT1576/LT1576-5
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
(Note 1)
Input Voltage .......................................................... 25V
BOOST Pin Above Input Voltage ............................. 10V
SHDN Pin Voltage ..................................................... 7V
BIAS Pin Voltage ...................................................... 7V
FB Pin Voltage (Adjustable Part) ............................ 3.5V
FB Pin Current (Adjustable Part) ............................ 1mA
SYNC Pin Voltage ..................................................... 7V
Operating Junction Temperature Range
LT1576C ............................................... 0
°C to 125° C
LT1576I ........................................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART NUMBER
LT1576CS8
LT1576CS8-SYNC
LT1576IS8
LT1576IS8-SYNC
LT1576CS8-5
LT1576CS8-5 SYNC
LT1576IS8-5
LT1576IS8-5 SYNC
S8 PART MARKING
1576
1576SN
1576I
576ISN
*Default is the adjustable output voltage device with FB pin and shutdown
function. Option -5 replaces FB with SENSE pin for fixed 5V output
applications. -SYNC replaces SHDN with SYNC pin for applications
requiring synchronization. Consult factory for Military grade parts.
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VSW
VIN
BOOST
GND
FB OR SENSE*
VC
BIAS
SHDN OR
SYNC*
θJA =80°C/ W WITH FUSED GROUND PIN
CONNECTED TO GROUND PLANE OR
LARGE LANDS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Voltage
1.195
1.21
1.225
V
All Conditions
q
1.18
1.24
V
Sense Voltage (Fixed 5V)
4.94
5.0
5.06
V
All Conditions
q
4.90
5.10
V
SENSE Pin Resistance
13
18.5
26
k
Ω
Reference Voltage Line Regulation
5V
≤ VIN ≤ 25V
0.01
0.03
%/V
Feedback Input Bias Current
q
0.5
2
µA
Error Amplifier Voltage Gain
(Notes 2, 8)
200
400
Error Amplifier Transconductance
∆I (VC) = ±10µA (Note 8)
800
1050
1300
µMho
q
400
1700
µMho
VC Pin to Switch Current Transconductance
1.5
A/ V
Error Amplifier Source Current
VFB = 1.1V
q
40
110
190
µA
Error Amplifier Sink Current
VFB = 1.4V
q
50
130
200
µA
VC Pin Switching Threshold
Duty Cycle = 0
0.8
V
VC Pin High Clamp
2.1
V
Switch Current Limit
VC Open, VFB = 1.1V, DC ≤ 50%
q
1.5
2
3.50
A
Slope Compensation (Note 9)
DC = 80%
0.3
A
Switch On Resistance (Note 7)
ISW = 1.5A
0.2
0.35
Ω
q
0.45
Ω
Maximum Switch Duty Cycle
VFB = 1.1V
90
94
%
q
86
94
%
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are TA, TJ = 25°C, VIN = 15V, VC = 1.5V, Boost = VIN + 5V, switch open, unless otherwise noted.
15765
5765SN
1576I5
76I5SN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com