Electronic Components Datasheet Search
  English  ▼

X  

LT1611CS5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1611CS5
Description  Inverting 1.4MHz Switching Regulator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1611CS5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1611CS5 Datasheet HTML 4Page - Linear Technology LT1611CS5 Datasheet HTML 5Page - Linear Technology LT1611CS5 Datasheet HTML 6Page - Linear Technology LT1611CS5 Datasheet HTML 7Page - Linear Technology LT1611CS5 Datasheet HTML 8Page - Linear Technology LT1611CS5 Datasheet HTML 9Page - Linear Technology LT1611CS5 Datasheet HTML 10Page - Linear Technology LT1611CS5 Datasheet HTML 11Page - Linear Technology LT1611CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1611
In Figure 11 (also shown on the first page), output capaci-
tor C3 is replaced by a ceramic unit. These large value
ceramic capacitors have ESR of about 2m
Ω and result in
very low output ripple. At the 20mV/division scale, output
voltage ripple cannot be seen. Figure 12 pictures the
output and switch nodes at 200ns per division. The output
voltage ripple is approximately 1mVP–P. Again, good
layout is mandatory to achieve this level of performance.
OPERATIO
Layout
The LT1611 switches current at high speed, mandating
careful attention to layout for best performance.
You will
not get advertised performance with careless layout. Figure 13
shows recommended component placement. Follow this
closely in your printed circuit layout. The cut ground
copper at D1’s cathode is essential to obtain the low noise
achieved in Figures 11 and 12’s oscillographs. Input
bypass capacitor C1 should be placed close to the LT1611
as shown. The load should connect directly to output
capacitor C2 for best load regulation. You can tie the local
ground into the system ground plane at C3’s ground
terminal.
Figure 11. Replacing C3 with 22
µF Ceramic Capacitor
(Taiyo Yuden JMK325BJ226MM) Improves Output
Noise. CPL = 1200pF Results in Best Phase Margin
VOUT
20mV/DIV
AC COUPLED
LOAD CURRENT
150mA
50mA
100
µs/DIV
1611 F11
Figure 12. 22
µF Ceramic Capacitor at
Output Reduces Ripple to 1mVP–P. Proper
Layout Is Essential to Achieve Low Noise
VOUT
5mV/DIV
AC COUPLED
SWITCH VOLTAGE
5V/DIV
LOAD = 150mA
200ns/DIV
1611 F12
Figure 13. Suggested Component Placement. Note Cut in Ground Copper at D1’s Cathode
1
2
3
5
4
C2
D1
R2
R1
L1B
C1
L1A
+
SHUTDOWN
1611 F13
–VOUT
GND
VIN
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com