Electronic Components Datasheet Search
  English  ▼

X  

LT1611CS5 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1611CS5
Description  Inverting 1.4MHz Switching Regulator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1611CS5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1611CS5 Datasheet HTML 3Page - Linear Technology LT1611CS5 Datasheet HTML 4Page - Linear Technology LT1611CS5 Datasheet HTML 5Page - Linear Technology LT1611CS5 Datasheet HTML 6Page - Linear Technology LT1611CS5 Datasheet HTML 7Page - Linear Technology LT1611CS5 Datasheet HTML 8Page - Linear Technology LT1611CS5 Datasheet HTML 9Page - Linear Technology LT1611CS5 Datasheet HTML 10Page - Linear Technology LT1611CS5 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1611
Figure 8 shows the output voltage with a 50mA to 150mA
load step, using an AVX TAJ “B” case 22
µF tantalum
capacitor at the output. Output perturbation is approxi-
mately 100mV as the load changes from 50mA to 150mA.
Steady-state ripple voltage is 20mVP–P, due to L1’s ripple
current and C3’s ESR. Step response can be improved by
adding a 3.3nF capacitor (CPL) as shown in Figure 9.
Settling time improves from 150
µs to 40µs, although
steady-state ripple voltage does not improve. Figure 10
pictures the output voltage and switch pin voltage at
200ns per division. Note the absence of high frequency
spikes at the output. This is easily repeatable with proper
layout, described in the next section.
OPERATIO
VIN
VIN
5V
–VOUT
1611 F07
SW
L1A
22
µH
L1B
22
µH
D1
GND
LT1611
C1: AVX TAJB226M010
C2: TAIYO YUDEN LMK212BJ105MG
C3: SEE TEXT
D1: MBR0520
L1A, L1B: SUMIDA CLS62-220
C1
C3
C2
1
µF
R2
10k
R1
CPL
NFB
SHDN
+
RL1
100
Ω
RL2
50
Ω
Figure 7. Switching RL2 Provides 50mA to 150mA
Load Step for LT1611 5V to – 5V Converter
Figure 8. Load Step Response of LT1611
with 22
µF Tantalum Output Capacitor
Figure 9. Addition of CPL to Figure 7’s Circuit
Improves Load Step Response. CPL = 3.3nF
Figure 10. 22
µF “B” Case Tantalum Capacitor (AVX TAJ “B” Series)
Has ESR Resulting in 20mVP–P Voltage Ripple at Output
VOUT
50mV/DIV
AC COUPLED
LOAD CURRENT
150mA
50mA
100
µs/DIV
1611 F08
VOUT
20mV/DIV
AC COUPLED
LOAD CURRENT
150mA
50mA
20
µs/DIV
1611 F09
VOUT
10mV/DIV
SWITCH VOLTAGE
5V/DIV
LOAD = 150mA
200ns/DIV
1611 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com