Electronic Components Datasheet Search
  English  ▼

X  

LT1611CS5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1611CS5
Description  Inverting 1.4MHz Switching Regulator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1611CS5 Datasheet(HTML) 1 Page - Linear Technology

  LT1611CS5 Datasheet HTML 1Page - Linear Technology LT1611CS5 Datasheet HTML 2Page - Linear Technology LT1611CS5 Datasheet HTML 3Page - Linear Technology LT1611CS5 Datasheet HTML 4Page - Linear Technology LT1611CS5 Datasheet HTML 5Page - Linear Technology LT1611CS5 Datasheet HTML 6Page - Linear Technology LT1611CS5 Datasheet HTML 7Page - Linear Technology LT1611CS5 Datasheet HTML 8Page - Linear Technology LT1611CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1611
Inverting 1.4MHz Switching
Regulator in SOT-23
s
Very Low Noise: 1mVP–P Output Ripple
s
– 5V at 150mA from a 5V Input
s
Better Regulation Than a Charge Pump
s
Effective Output Impedance: 0.14
Ω
s
Uses Tiny Capacitors and Inductors
s
Internally Compensated
s
Fixed Frequency 1.4MHz Operation
s
Low Shutdown Current: <1
µA
s
Low VCESAT Switch: 300mV at 300mA
s
Tiny 5-Lead SOT-23 Package
The LT
®1611 is the industry’s first inverting 5-lead SOT-23
current mode DC/DC converter. Intended for use in small,
low power applications, it operates from an input voltage
as low as 1.1V and switches at 1.4MHz, allowing the use
of tiny, low cost capacitors and inductors 2mm or less in
height. Its small size and high switching frequency enable
the complete DC/DC converter function to consume less
than 0.25 square inches of PC board area. Capable of
generating – 5V at 150mA from a 5V supply or – 5V at
100mA from a 3V supply, the LT1611 replaces nonregulated
“charge pump” solutions in many applications.
The LT1611 operates in a dual inductor inverting topology
which filters the input side as well as the output side of the
DC/DC converter. Fixed frequency switching ensures a
clean output free from low frequency noise typically present
with charge pump solutions. No load quiescent current of
the LT1611 is 3mA, while in shutdown quiescent current
drops to 0.5
µA. The 36V switch allows VIN to VOUT
differential of up to 33V.
The LT1611 is available in the 5-lead SOT-23 package.
s
MR Head Bias
s
Digital Camera CCD Bias
s
LCD Bias
s
GaAs FET Bias
s
Positive-to-Negative Conversion
VIN
VIN
5V
VOUT
–5V
150mA
1611 TA01
SW
L1A
22
µH
L1B
22
µH
D1
GND
LT1611
C1: AVX TAJB226M010
C2: TAIYO YUDEN LMK212BJ105MG
C3: TAIYO YUDEN JMK325BJ226MM (1210 SIZE)
D1: MBR0520
L1: SUMIDA CLS62-220 OR 2
× MURATA LQH3C220 (UNCOUPLED)
C1
22
µF
C3
22
µF
C2
1
µF
R2
10k
R1
29.4k
1200pF
NFB
SHDN
+
Figure 1. 5V to – 5V, 150mA Low Noise Inverting DC/DC Converter
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
VOUT
20mV/DIV
AC COUPLED
LOAD CURRENT
150mA
50mA
100
µs/DIV
1611 F10
Transient Response


Similar Part No. - LT1611CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1611 LINER-LT1611 Datasheet
268Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1611 LINER-LT1611 Datasheet
196Kb / 12P
High Voltage, Low Quiescent Current
LT1611 LINER-LT1611 Datasheet
270Kb / 12P
Inverting 1.4MHz Switching Regulator in SOT-23
LT1611 LINER-LT1611 Datasheet
193Kb / 12P
Low Dropout Negative Micropower Regulator in ThinSOT
logo
Analog Devices
LT1611 AD-LT1611 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
More results

Similar Description - LT1611CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
Micropower Inverting DC/DC Converters in SOT-23
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
600mA, 500kHz Step-Down Switching Regulator in SOT-23
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
Micropower Inverting DC/DC Converter in SOT-23-5
logo
Linear Technology
LT1616 LINER-LT1616 Datasheet
281Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1611 LINER-LT1611_15 Datasheet
270Kb / 12P
Inverting 1.4MHz Switching Regulator in SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
Micropower Inverting DC/DC Converters in SOT-23
LT1616 LINER-LT1616_15 Datasheet
286Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
logo
New Japan Radio
NJW1616 NJRC-NJW1616 Datasheet
407Kb / 21P
600mA, 500kHz, Step-Down Switching Regulator in SOT-23
NJW1933 NJRC-NJW1933 Datasheet
412Kb / 21P
600mA, 500kHz, Step-Down Switching Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com