Electronic Components Datasheet Search
  English  ▼

X  

LT1613 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1613
Description  1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1613 Datasheet HTML 4Page - Linear Technology LT1613 Datasheet HTML 5Page - Linear Technology LT1613 Datasheet HTML 6Page - Linear Technology LT1613 Datasheet HTML 7Page - Linear Technology LT1613 Datasheet HTML 8Page - Linear Technology LT1613 Datasheet HTML 9Page - Linear Technology LT1613 Datasheet HTML 10Page - Linear Technology LT1613 Datasheet HTML 11Page - Linear Technology LT1613 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1613
START-UP/SOFT-START
When the LT1613 SHDN pin voltage goes high, the device
rapidly increases the switch current until internal current
limit is reached. Input current stays at this level until the
output capacitor is charged to final output voltage. Switch
current can exceed 1A. Figure 16’s oscillograph details
start-up waveforms of Figure 17’s SEPIC into a 50
Ω load
without any soft-start. The output voltage reaches final
value in approximately 200
µs, while input current reaches
400mA. Switch current in a SEPIC is 2x the input current,
so the switch is conducting approximately 800mA peak.
Soft-start reduces the inrush current by taking more time
to reach final output voltage. A soft-start circuit consisting
of Q1, RS1, RS2 and CS1 as shown in Figure 17 can be used
to limit inrush current to a lower value. Figure 18 pictures
VOUT and input current with RS2 of 33kΩ and CS of 10nF.
Input current is limited to a peak value of 200mA as the
OPERATIO
VIN
VOUT
5V
1613 F17
SW
L1
22
µH
L2
22
µH
CPL
330pF
D1
GND
LT1613
C1: AVX TAJB226M006
C2: TAIYO YUDEN LMK325BJ106MN
C3: TAIYO YUDEN LMK212BJ105MG
R2
12.1k
RLOAD
Q1
2N3904
R1
37.4k
R3
10k
RS1
33k
C3
1
µF
FB
VS
SOFT-START COMPONENTS
C1
22
µF
VIN
4V
C2
10
µF
SHDN
+
RS2
33k
CS
10nF/
33nF
D1: MOTOROLA MBR0520
L1, L2: MURATA LQH3C220
time required to reach final value increases to 1.7ms. In
Figure 19, CS is increased to 33nF. Input current does not
exceed the steady-state current the device uses to supply
power to the 50
Ω load. Start-up time increases to 4.3ms.
CS can be increased further for an even slower ramp, if
desired.
VOUT
2V/DIV
200
µs/DIV
1613 F16
Figure 16. Start-Up Waveforms of
Figure 17’s SEPIC Into 50
Ω Load
IIN
200mA/DIV
VSHDN
5V/DIV
VOUT
2V/DIV
500
µs/DIV
1613 F18
Figure 18. Soft-Start Components in Figure 17’s SEPIC
Reduces Inrush Current. CSS = 10nF, RLOAD = 50Ω
IIN
200mA/DIV
VS
5V/DIV
VOUT
2V/DIV
1ms/DIV
1613 F18
Figure 19. Increasing CS to 33nF Further
Reduces Inrush Current. RLOAD = 50Ω
IIN
200mA/DIV
VS
5V/DIV
Figure 17. 5V SEPIC with Soft-Start Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com