Electronic Components Datasheet Search
  English  ▼

X  

LT1613 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1613
Description  1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1613 Datasheet HTML 4Page - Linear Technology LT1613 Datasheet HTML 5Page - Linear Technology LT1613 Datasheet HTML 6Page - Linear Technology LT1613 Datasheet HTML 7Page - Linear Technology LT1613 Datasheet HTML 8Page - Linear Technology LT1613 Datasheet HTML 9Page - Linear Technology LT1613 Datasheet HTML 10Page - Linear Technology LT1613 Datasheet HTML 11Page - Linear Technology LT1613 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1613
TYPICAL APPLICATIO S
VIN
VOUT
5V
175mA
1613 • TA03
SW
L1
22
µH
L2
22
µH
C3
1
µF
D1
GND
LT1613
L1, L2: MURATA LQH3C220
C3: AVX 1206YG105 CERAMIC
D1: MBR0520
C2
22
µF
121k
374k
FB
SHDN
C1
15
µF
6.5V TO 4V
SHDN
+
+
4-CELL
4-Cell to 5V SEPIC DC/DC Converter
VIN
VOUT
15V/30mA
1613 TA04
SW
L1
10
µH
D1
GND
LT1613
C1: AVX TAJB226M016
C2: AVX TAJA475M025
D1: MOTOROLA MBR0520
L1: MURATA LQH3C100
R2
12.1k
R1
137k
1%
10k
FB
SHDN
C1
22
µF
VIN
3.5V TO
8V
+
C2
4.7
µF
+
SHDN
1nF
LOAD CURRENT (mA)
0
102030405060708090 100
1613 TA04a
85
80
75
70
65
60
55
50
VIN = 6.5V
VIN = 5V
VIN = 3.6V
D1
D4
0.22
µF
L1
5.4
µH
0.22
µF
48.7k
1613 TA05
274k
C1
4.7
µF
VIN
3.3V
C2
4.7
µF
1
µF
1
µF
1
µF
0.22
µF
AVDD
8V
70mA
0.22
µF: TAIYO YUDEN EMK212BJ224MG
1
µF: TAIYO YUDEN LMK212BJ105MG
4.7
µF: TAIYO YUDEN LMK316BJ475ML
D1: MOTOROLA MBRO520
D2, D3, D4: BAT54S
L1: SUMIDA CDRH5D185R4
VON
24V
5mA
VOFF
–8V
5mA
D3
D2
VIN
SW
GND
LT1613
FB
SHDN
4-Cell to 15V/30mA DC/DC Converter
Efficiency
3.3V to 8V/70mA, – 8V/5mA, 24V/5mA TFT LCD Bias Supply Uses All Ceramic Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com