Electronic Components Datasheet Search
  English  ▼

X  

LT1613 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1613
Description  1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1613 Datasheet HTML 4Page - Linear Technology LT1613 Datasheet HTML 5Page - Linear Technology LT1613 Datasheet HTML 6Page - Linear Technology LT1613 Datasheet HTML 7Page - Linear Technology LT1613 Datasheet HTML 8Page - Linear Technology LT1613 Datasheet HTML 9Page - Linear Technology LT1613 Datasheet HTML 10Page - Linear Technology LT1613 Datasheet HTML 11Page - Linear Technology LT1613 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1613
1613f LT/TP 1299 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIONS
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
S5 Package
5-Lead Plastic SOT-23
(LTC DWG # 05-08-1633)
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1307
Single Cell Micropower DC/DC
3.3V/75mA From 1V; 600kHz Fixed Frequency
LT1317
2-Cell Micropower DC/DC
3.3V/200mA From Two Cells; 600kHz Fixed Frequency
LTC1474
Low Quiescent Current, High Efficiency Step-Down Converter
94% Efficiency, 10
µA IQ, 9V to 5V at 250µA
LT1521
300mA Low Dropout Regulator with Micropower Quiescent
500mV Dropout, 300mA Output Current, 12
µA IQ
Current and Shutdown
LTC1517-5
Micropower, Regulated Charge Pump
3-Cells to 5V at 20mA, SOT-23 Package, 6
µA IQ
LT1610
1.7MHz Single Cell Micropower DC/DC Converter
30
µA IQ, MSOP Package, Internal Compensation
LT1611
Inverting 1.4MHz Switching Regulator
5V to –5V at 150mA, Low Output Noise
LT1615/LT1615-1
Micropower DC/DC Converter in 5-Lead SOT-23
20V at 12mA from 2.5V Input, Tiny SOT-23 Package
VIN
16V
20mA
1613 TA06
SW
L1
2.2
µH
D1
GND
LT1613
C1: AVX TAJA4R7M010
C2: TAIYO YUDEN LMK212BJ105MG
D1: BAT54S DUAL DIODE
L1: MURATA LQH3C2R2
13.7k
1%
165k
1%
FB
SHDN
C1
4.7
µF
VIN
2.7V
TO 4.5V
C2
1
µF
X5R
CERAMIC
SHDN
+
1.50 – 1.75
(0.059 – 0.069)
0.35 – 0.55
(0.014 – 0.022)
0.35 – 0.50
(0.014 – 0.020)
FIVE PLACES (NOTE 2)
S5 SOT-23 0599
0.90 – 1.45
(0.035 – 0.057)
0.90 – 1.30
(0.035 – 0.051)
0.00 – 0.15
(0.00 – 0.006)
0.09 – 0.20
(0.004 – 0.008)
(NOTE 2)
2.60 – 3.00
(0.102 – 0.118)
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS ARE INCLUSIVE OF PLATING
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
4. MOLD FLASH SHALL NOT EXCEED 0.254mm
5. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
0.95
(0.037)
REF
2.80 – 3.00
(0.110 – 0.118)
(NOTE 3)
1.90
(0.074)
REF
Li-Ion to 16V/20mA Step-Up DC/DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com