Electronic Components Datasheet Search
  English  ▼

X  

LT1579CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1579CS8
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1579CS8 Datasheet HTML 11Page - Linear Technology LT1579CS8 Datasheet HTML 12Page - Linear Technology LT1579CS8 Datasheet HTML 13Page - Linear Technology LT1579CS8 Datasheet HTML 14Page - Linear Technology LT1579CS8 Datasheet HTML 15Page - Linear Technology LT1579CS8 Datasheet HTML 16Page - Linear Technology LT1579CS8 Datasheet HTML 17Page - Linear Technology LT1579CS8 Datasheet HTML 18Page - Linear Technology LT1579CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1579
APPLICATIONS INFORMATION
Example: The low-battery detector must be tripped at a
terminal voltage of 5.5V. There is a 100k pull-up resistor
to 5V on the output of the comparator and 200mV of
hysteresis is needed to prevent chatter. With a 1M resistor
for R1, what other resistor values are needed?
Using the formulas in Figure 3,
R
VV
M
V
M
2
55
15
1
15
267
= ()
Ω
()
=Ω
.– .
.
.
Use a standard value of 2.7M
Ω. With the 100k pull-up
resistor, this gives a sink current and logic flag voltage of
approximately 45
µA at 0.4V. The hysteresis in this case
will be:
Hysteresis
mV
M
M
mV
=+
Ω
Ω


=
18
1
27
1
67
.
An additional 133mV of hysteresis is needed, so a resistor
and diode must be added. The value of R3 will be:
R
VmV
V
V
M
mV
M
3
15
18
06
04
27
133
10 5
=
+
()
Ω
()
=Ω
.– .
– .
.
.
A standard value of 10M
Ω can be used. The additional
current flowing through R3 into the comparator output is
negligible and can usually be ignored
Logic Flags
The low-battery comparator outputs and the status flags
of the LT1579 are open collector outputs capable of
sinking up to 5mA. See the curve of Logic Flag Output
Voltage vs. Current in the Typical Performance Character-
istics.
There are two status flags on the LT1579. The BACKUP
flag and the DROPOUT flag provide information on which
input is supplying power to the load and give early warning
of loss of output regulation. The BACKUP flag goes low
when the secondary input begins supplying power to the
load. The DROPOUT flag signals the dropout condition on
both inputs, warning of an impending drop in output
voltage. The conditions that set either status flag are
determined by input to output voltage differentials and
current supplied to the load from each input. Normal
output deviation during transient load conditions (with
sufficient input voltages) will not set the status flags.
Timing Diagram
The timing diagram for the 5V dual battery supply is shown
in Figure 4. The schematic is the same as the 5V Dual
Battery Supply on the front of the data sheet. All logic flag
outputs have 100k pull-up resistors added. Note that there
is no time scale for the timing diagram. The timing diagram
is meant as a tool to help in understanding basic operation
of the LT1579. Actual discharge rates will be a function of
the load current and the type of batteries used. The load
current used in the example was 100mA DC.
Figure 4. Basic Dual Battery Timing Diagram
AB
C
D
E
6V
5V
VIN1
6V
5V
5V
0
0
0
1
0
1
0
1
0
1
100mA
4.8V
100mA
VIN2
IIN1
IIN2
VOUT
BACKUP
DROPOUT
LB02
LB01
LTC1579 • F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com