Electronic Components Datasheet Search
  English  ▼

X  

LT1579CS8 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1579CS8
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579CS8 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1579CS8 Datasheet HTML 12Page - Linear Technology LT1579CS8 Datasheet HTML 13Page - Linear Technology LT1579CS8 Datasheet HTML 14Page - Linear Technology LT1579CS8 Datasheet HTML 15Page - Linear Technology LT1579CS8 Datasheet HTML 16Page - Linear Technology LT1579CS8 Datasheet HTML 17Page - Linear Technology LT1579CS8 Datasheet HTML 18Page - Linear Technology LT1579CS8 Datasheet HTML 19Page - Linear Technology LT1579CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1579
APPLICATIONS INFORMATION
resistance from the junction to a ground lead is 40
°C/Wfor
16-lead SSOP, 32
°C/W for 16-lead SO and 35°C/W for
8-lead S0.
Table 2. 8-Lead SO Package (S8)
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA (JUNCTION-TO-AMBIENT)
2500 sq mm 2500 sq mm
2500 sq mm
73
°C/W
1000 sq mm 2500 sq mm
2500 sq mm
75
°C/W
225 sq mm
2500 sq mm
2500 sq mm
80
°C/W
100 sq mm
2500 sq mm
2500 sq mm
90
°C/W
*Device is mounted on topside.
Table 3. 16-Lead SO Package (S)
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA (JUNCTION-TO-AMBIENT)
2500 sq mm 2500 sq mm
2500 sq mm
55
°C/W
1000 sq mm 2500 sq mm
2500 sq mm
58
°C/W
225 sq mm
2500 sq mm
2500 sq mm
60
°C/W
100 sq mm
2500 sq mm
2500 sq mm
68
°C/W
*Device is mounted on topside.
Table 4. 16-Lead SSOP Package (GN)
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA (JUNCTION-TO-AMBIENT)
2500 sq mm 2500 sq mm
2500 sq mm
70
°C/W
1000 sq mm 2500 sq mm
2500 sq mm
75
°C/W
225 sq mm
2500 sq mm
2500 sq mm
80
°C/W
100 sq mm
2500 sq mm
2500 sq mm
95
°C/W
*Device is mounted on topside.
Calculating Junction Temperature
Example: Given an output voltage of 5V, an input voltage
range of 5V to 7V for VIN1 and 8V to 10V for VIN2, with an
output current range of 10mA to 150mA and a maximum
ambient temperature of 50
°C, what will the maximum
junction temperature be?
When run from the primary input, current drawn from the
secondary input is negligible and worst-case power dissi-
pation will be:
(IOUT(MAX))(VIN1(MAX) – VOUT) + (IGND)(VIN1(MAX))
Where:
IOUT(MAX) = 150mA
VIN1(MAX) = 7V
IGND at (IOUT = 150mA, VIN1 = 7V) = 2mA
Therefore,
P = (150mA)(7V – 5V) + (2mA)(7V) = 0.31W
When switched to the secondary input, current from the
primary input is negligible and worst-case power dissipa-
tion will be:
(IOUT(MAX))(VIN2(MAX) – VOUT) + (IGND)(VIN2(MAX))
Where:
IOUT(MAX) = 150mA
VIN2(MAX) = 10V
IGND at (IOUT = 150mA, VIN2 = 10V) = 2mA
Therefore,
P = (150mA)(10V – 5V) + (2mA)(10V) = 0.77W
Using a 16-lead SO package, the thermal resistance will be
in the range of 55
°C/W to 68°C/W dependent upon the
copper area. So the junction temperature rise above
ambient will be approximately equal to:
(0.77W)(65
°C/W) = 50.1°C
The maximum junction temperature will then be equal to
the maximum temperature rise above ambient plus the
maximum ambient temperature or:
TJMAX = 50.1°C + 50°C = 100.1°C
Protection Features
The LT1579 incorporates several protection features that
make it ideal for use in battery-powered circuits. In addi-
tion to the normal protection features associated with
monolithic regulators, such as current limiting and ther-
mal limiting, the device is protected against reverse input
voltages, reverse output voltages and reverse voltages
from output to input.
Current limit protection and thermal overload protection
are intended to protect the device against current overload
conditions at the output of the device. For normal opera-
tion, the junction temperature should not exceed 125
°C.
Current limit protection is designed to protect the device
if the output is shorted to ground. With the output shorted
to ground, current will be drawn from the primary input
until it is discharged. The current drawn from VIN2 will not
increase until the primary input is discharged. This pre-
vents a short-circuit on the output from discharging both
inputs simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com