Electronic Components Datasheet Search
  English  ▼

X  

LT1579CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1579CS8
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1579CS8 Datasheet HTML 12Page - Linear Technology LT1579CS8 Datasheet HTML 13Page - Linear Technology LT1579CS8 Datasheet HTML 14Page - Linear Technology LT1579CS8 Datasheet HTML 15Page - Linear Technology LT1579CS8 Datasheet HTML 16Page - Linear Technology LT1579CS8 Datasheet HTML 17Page - Linear Technology LT1579CS8 Datasheet HTML 18Page - Linear Technology LT1579CS8 Datasheet HTML 19Page - Linear Technology LT1579CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1579
© LINEAR TECHNOLOGY CORPORATION 1998
1579f LT/TP 0398 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408) 432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1175
500mA Negative Low Dropout Micropower Regulator
Adjustable Current Limit, Shutdown Control
LTC
®1421
Hot Swap
TM Controller
Controls Multiple Supplies, 24-Lead SSOP Package
LTC1422
Hot Swap Controller
Controls Single Supply, 8-Lead SO Package
LTC1473
Dual PowerPath
TM Switch Driver
Power Path Management for Systems with Multiple Inputs
LTC1479
PowerPath Controller for Dual Battery Systems
Complete Power Path Management for Two Batteries,
DC Power Source, Charger and Backup
LT1521
300mA Low Dropout Micropower Regulator with Shutdown
12
µA IQ, Reverse Battery Protection
Hot Swap and PowerPath are trademarks of Linear Technology Corporation.
RELATED PARTS
TYPICAL APPLICATION
Additional Logic Forces LT1579 Into Shutdown to Protect Input Batteries
R2
2.7M
R10
1M
R1
1M
R3
1M
R6
2.7M
R7
1M
IN1
LBI1
LBO1
SS
IN2
LBI2
R4
10M
D1
R5
1M
C1
1
µF
C3
4.7
µF
C5
0.1
µF
C2
1
µF
IN1
D2
D1 TO D3: 1N4148
1579 TA03
D3
IN2
1/4
74C02
1/4
74C02
GND
VCC
1/4
74C02
R9
1.5M
R8
330k
D4
5.1V
1N751A
SHDN
LBO2
GND
C4
0.01
µF
NC
LT1579-5
BIASCOMP
DROPOUT
OUT
BACKUP
MAIN GOOD
VOUT
5V/300mA
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com