Electronic Components Datasheet Search
  English  ▼

X  

LT1671 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1671
Description  60ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1671 Datasheet(HTML) 1 Page - Linear Technology

  LT1671 Datasheet HTML 1Page - Linear Technology LT1671 Datasheet HTML 2Page - Linear Technology LT1671 Datasheet HTML 3Page - Linear Technology LT1671 Datasheet HTML 4Page - Linear Technology LT1671 Datasheet HTML 5Page - Linear Technology LT1671 Datasheet HTML 6Page - Linear Technology LT1671 Datasheet HTML 7Page - Linear Technology LT1671 Datasheet HTML 8Page - Linear Technology LT1671 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1671
60ns, Low Power,
Single Supply, Ground-Sensing
Comparator
OVERDRIVE (mV)
0
140
120
100
80
60
40
20
10
20
30
40
1671 TA02
50
VS = ±5V
VSTEP = 100mV
TA = 25°C
RL = 1M
FALLING EDGE (tPDHL)
RISING EDGE (tPDLH)
Propagation Delay vs Overdrive
1MHz Crystal Oscillator
1671 TA01
–
+
LT1671
5V
OUTPUT
0.068
µF
1671 TA01
2k
2k
2k
1MHz CRYSTAL
(AT-CUT)
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LT
®1671 is a low power 60ns comparator with comple-
mentary outputs and latch. The input common mode
range extends from 1.5V below the positive supply down
to the negative supply rail. Like the LT1394, LT1016 and
LT1116, this comparator has complementary outputs
designed to interface directly to TTL or CMOS logic. The
LT1671 may operate from either a single 5V supply or dual
±5V supplies. Low offset voltage specifications and high
gain allow the LT1671 to be used in precision applications.
The LT1671 is designed for improved speed and stability
for a wide range of operating conditions. The output stage
provides active drive in both directions for maximum
speed into TTL, CMOS or passive loads with minimal
cross-conduction current. Unlike other fast comparators,
the LT1671 remains stable even for slow transitions
through the active region, which eliminates the need to
specify a minimum input slew rate.
The LT1671 has an internal, TTL/CMOS compatible latch
for retaining data at the outputs. The latch holds data as
long as the LATCH pin is held high. Device parameters
such as gain, offset and negative power supply current are
not significantly affected by variations in negative supply
voltage.
s
Low Power: 450
µA
s
Fast: 60ns at 20mV Overdrive
85ns at 5mV Overdrive
s
Low Offset Voltage: 0.8mV
s
Operates Off Single 5V or Dual
±5V Supplies
s
Input Common Mode Extends to Negative Supply
s
No Minimum Input Slew Rate Requirement
s
Complementary TTL Outputs
s
Inputs Can Exceed Supplies without Phase Reversal
s
Pin Compatible with LT1394, LT1016 and LT1116
s
Output Latch Capability
s
Available in 8-Lead MSOP and SO Packages
s
High Speed A/D Converters
s
Zero-Crossing Detectors
s
Current Sense for Switching Regulators
s
Extended Range V/F Coverters
s
Fast Pulse Height/Width Discriminators
s
High Speed Triggers
s
Line Receivers
s
High Speed Sampling Circuits
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1671

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1671 LINER-LT1671 Datasheet
239Kb / 20P
Pin Compatible with LM111 Series Devices
LT1671 LINER-LT1671 Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1671 LINER-LT1671 Datasheet
214Kb / 12P
60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1671 LINER-LT1671_15 Datasheet
214Kb / 12P
60ns, Low Power, Single Supply, Ground-Sensing Comparator
More results

Similar Description - LT1671

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1116 LINER-LT1116 Datasheet
463Kb / 7P
12ns, Single Supply Ground-Sensiing Comparator
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1116 LINER-LT1116_06 Datasheet
142Kb / 8P
12ns, Single Supply Ground-Sensing Comparator
logo
Unisonic Technologies
UM21125 UTC-UM21125 Datasheet
150Kb / 4P
SINGLE-SUPPLY COMPARATOR
logo
Touchstone Semiconducto...
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Linear Technology
LT1116 LINER-LT1116_15 Datasheet
152Kb / 8P
12ns, Single Supply Ground-Sensing Comparator
LT1671 LINER-LT1671_15 Datasheet
214Kb / 12P
60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
7ns, Low Power, Single Supply, Ground-Sensing Comparator
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
Low-Power, Single-Supply Op Amp Comparator Reference
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com