Electronic Components Datasheet Search
  English  ▼

X  

LT1671 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1671
Description  60ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1671 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1671 Datasheet HTML 2Page - Linear Technology LT1671 Datasheet HTML 3Page - Linear Technology LT1671 Datasheet HTML 4Page - Linear Technology LT1671 Datasheet HTML 5Page - Linear Technology LT1671 Datasheet HTML 6Page - Linear Technology LT1671 Datasheet HTML 7Page - Linear Technology LT1671 Datasheet HTML 8Page - Linear Technology LT1671 Datasheet HTML 9Page - Linear Technology LT1671 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1671
TYPICAL PERFORMANCE CHARACTERISTICS
tPD+ Response Time to
5mV Overdrive
5mV
– 95mV
1.4V
0V
+IN
Q OUT
tPD– Response Time to
5mV Overdrive
5mV
– 95mV
1.4V
0V
+IN
Q OUT
VOUT
LATCH
ENABLE
tH
tSU
tPD
1671 TD02
VIN
VOUT
VIN
∆V
IN
VOD
tPD
1671 TD01
TI I G DIAGRA S
PIN FUNCTIONS
V+ (Pin 1): Positive Supply Voltage. Normally 5V.
+IN (Pin 2): Noninverting Input.
–IN (Pin 3): Inverting Input.
V– (Pin 4): Negative Supply Voltage. Normally either 0V
or – 5V.
LATCH ENABLE (Pin 5): Latch Control Pin. When high, the
outputs remain in a latched condition, independent of the
current state of the inputs.
GND (Pin 6): Ground.
Q OUT (Pin 7): Noninverting Logic Output. This pin is high
when +IN is above – IN and LATCH ENABLE is low.
Q OUT (Pin 8): Inverting Logic Output. This pin is low
when +IN is above – IN and LATCH ENABLE is low.
VS = ±5V
20ns/DIV
VOD = 5mV
1671 G18
VS = ±5V
20ns/DIV
VOD = 5mV
1671 G19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com