Electronic Components Datasheet Search
  English  ▼

X  

LT1671 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1671
Description  60ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1671 Datasheet(HTML) 5 Page - Linear Technology

  LT1671 Datasheet HTML 1Page - Linear Technology LT1671 Datasheet HTML 2Page - Linear Technology LT1671 Datasheet HTML 3Page - Linear Technology LT1671 Datasheet HTML 4Page - Linear Technology LT1671 Datasheet HTML 5Page - Linear Technology LT1671 Datasheet HTML 6Page - Linear Technology LT1671 Datasheet HTML 7Page - Linear Technology LT1671 Datasheet HTML 8Page - Linear Technology LT1671 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1671
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
1
0
–1
–2
–3
–4
–5
–6
0
50
75
1671 G10
–25
25
100
125
RL = 1M
VS = SINGLE 5V SUPPLY
VS = ±5V
Negative Common Mode Limit vs
Temperature
OUTPUT SINK CURRENT (mA)
0
12
1671 G11
48
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
2
6
10
14
VS = ±5V
VIN = 30mV
TA = 25°C
TA = 125°C
TA = –55°C
OUTPUT SOURCE CURRENT (mA)
0
12
1671 G12
48
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
2
6
10
14
VS = ±5V
VIN = –30mV
TA = 25°C
TA = 125°C
TA = –55°C
Output High Voltage (VOH) vs
Output Source Current
Output Low Voltage (VOL) vs
Output Sink Current
SUPPLY VOLTAGE (V)
1671 G13
0.6
0.5
0.4
0.3
0.2
0.1
0
0
2
4
5
13
6
7
8
TA = 125°C
TA = –55°C
TA = 25°C
V– = 0V
VIN = –60mV
IOUT = 0
Positive Supply Current vs
V + Supply Voltage
Response to 15MHz
±10mV Sine Wave
0V
3V
Q OUT
1V/DIV
+IN
20mVP-P
10mV/DIV
50ns/DIV
1671 G17
SWITCHING FREQUENCY (MHz)
0.1
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
110
1671 G14
TA = 25°C
TA = 125°C
TA = –55°C
VS = ±5V
VSTEP = ±50mV
IOUT = 0
Positive Supply Current vs
Switching Frequency
NEGATIVE SUPPLY VOLTAGE (V)
–8
100
90
80
70
60
50
–5
–3
0
1671 G15
–7
–6
–4
–2
–1
TA = 25°C
TA = 125°C
TA = –55°C
V+ = 5V
VIN = –60mV
IOUT = 0
Negative Supply Current vs
V – Supply Voltage
TEMPERATURE (
°C)
–50
1.0
0.8
0.6
0.4
0.2
0
0
50
75
1671 G16
–25
25
100
125
VS = ±5V
Latch Pin Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com