Electronic Components Datasheet Search
  English  ▼

X  

LT1677 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1677
Description  Low Noise, Rail-to-Rail Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1677 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1677 Datasheet HTML 4Page - Linear Technology LT1677 Datasheet HTML 5Page - Linear Technology LT1677 Datasheet HTML 6Page - Linear Technology LT1677 Datasheet HTML 7Page - Linear Technology LT1677 Datasheet HTML 8Page - Linear Technology LT1677 Datasheet HTML 9Page - Linear Technology LT1677 Datasheet HTML 10Page - Linear Technology LT1677 Datasheet HTML 11Page - Linear Technology LT1677 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1677
Output Voltage Swing
vs Load Current
Output Short-Circuit Current
vs Time
OUTPUT CURRENT (mA)
ISINK
ISOURCE
–10
0.6
0.7
0.5
0.4
0.3
0.2
0.1
V+ 0
6
1677 G22
0.4
0.5
0.1
0.2
0.3
V– 0
–6
–2
2
10
4
–8
–4
0
8
125
°C
125
°C
–55
°C
–55
°C
25
°C
VS = ±15V
25
°C
TIME FROM OUTPUT SHORT TO GND (MIN)
0
–50
–45
–35
–30
50
20
1
2
1677 G23
–40
30
40
10
3
4
–55
°C
–55
°C
125
°C
25
°C
25
°C
125
°C
VS = ±15V
Closed-Loop Output Impedance
vs Frequency
FREQUENCY (Hz)
10
1
10
100
100k
1677 G31
0.1
0.01
0.001
100
1k
10k
1M
AV = +100
AV = +1
TYPICAL PERFOR A CE CHARACTERISTICS
Settling Time vs Output Step
(Inverting)
Settling Time vs Output Step
(Noninverting)
OUTPUT STEP (V)
0
4
8
12
2
6
10
–6
–2
2
6
1677 G32
10
–8
–10
–4
0
4
8
5k
5k
VOUT
VIN
0.1% OF
FULL SCALE
0.1% OF
FULL SCALE
0.01% OF
FULL SCALE
0.01% OF
FULL SCALE
VS = ±15V
AV = –1
TA = 25°C
OUTPUT STEP (V)
0
4
8
12
2
6
10
–6
–2
2
6
1677 G33
10
–8
–10
–4
0
4
8
2k
2k
VOUT
RL = 1k
VIN
0.1% OF
FULL SCALE
0.1% OF
FULL SCALE
0.01% OF
FULL SCALE
0.01% OF
FULL SCALE
VS = ±15V
AV = 1
TA = 25°C
Total Harmonic Distortion and
Noise vs Frequency for
Noninverting Gain
FREQUENCY (Hz)
0.001
0.01
20
1k
10k 20k
1677 G24
0.0001
100
0.1
AV = 100
AV = 10
AV = 1
ZL = 2k/15pF
VO = 20VP-P
AV = +1, +10, +100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
Total Harmonic Distortion and
Noise vs Frequency for Inverting
Gain
FREQUENCY (Hz)
0.001
0.01
20
1k
10k 20k
1677 G25
0.0001
100
0.1
AV = –100
AV = –10
AV = –1
ZL = 2k/15pF
VO = 20VP-P
AV = –1, –10, – 100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
Total Harmonic Distortion and
Noise vs Output Amplitude for
Noninverting Gain
OUTPUT SWING (VP-P)
0.001
0.01
0.1
1
110
30
1677 G26
0.0001
0.3
AV = 100
AV = 10
AV = 1
ZL = 2k/15pF
fO = 1kHz
AV = +1, +10, +100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
OUTPUT SWING (VP-P)
0.001
0.01
0.1
1
110
30
1677 G27
0.0001
0.3
AV = –100
AV = –10
AV = –1
ZL = 2k/15pF
fO = 1kHz
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
Total Harmonic Distortion and
Noise vs Output Amplitude for
Inverting Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com