Electronic Components Datasheet Search
  English  ▼

X  

LT1677 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1677
Description  Low Noise, Rail-to-Rail Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1677 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1677 Datasheet HTML 5Page - Linear Technology LT1677 Datasheet HTML 6Page - Linear Technology LT1677 Datasheet HTML 7Page - Linear Technology LT1677 Datasheet HTML 8Page - Linear Technology LT1677 Datasheet HTML 9Page - Linear Technology LT1677 Datasheet HTML 10Page - Linear Technology LT1677 Datasheet HTML 11Page - Linear Technology LT1677 Datasheet HTML 12Page - Linear Technology LT1677 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1677
APPLICATIO S I FOR ATIO
General
The LT1677 series devices may be inserted directly into
OP-07, OP-27, OP-37 and sockets with or without removal
of external compensation or nulling components. In addi-
tion, the LT1677 may be fitted to 741 sockets with the
removal or modification of external nulling components.
Rail-to-Rail Operation
To take full advantage of an input range that can exceed
the supply, the LT1677 is designed to eliminate phase
reversal. Referring to the photographs shown in Figure 1,
the LT1677 is operating in the follower mode (AV = +1) at
a single 3V supply. The output of the LT1677 clips cleanly
and recovers with no phase reversal. This has the benefit
of preventing lock-up in servo systems and minimizing
distortion components.
Offset Voltage Adjustment
The input offset voltage of the LT1677 and its drift with
temperature are permanently trimmed at wafer
testing to a low level. However, if further adjustment of
VOS is necessary, the use of a 10kΩ nulling potentiometer
will not degrade drift with temperature. Trimming to a
value other than zero creates a drift of (VOS/ 300)µV/°C,
e.g., if VOS is adjusted to 300µV, the change in drift will be
1
µV/°C (Figure 2).
The adjustment range with a 10k
Ω pot is approximately
±2.5mV. If less adjustment range is needed, the sensitiv-
ity and resolution of the nulling can be improved by using
a smaller pot in conjunction with fixed resistors. The
example has an approximate null range of
±200µV
(Figure 3).
Input = – 0.5V to 3.5V
LT1677 Output
3V
2V
1V
0V
– 0.5V
1577 F01a
3V
2V
1V
0V
– 0.5V
1577 F01b
Figure 1. Voltage Follower with Input Exceeding the Supply Voltage (VS = 3V)
Figure 3. Improved Sensitivity Adjustment
Figure 2. Standard Adjustment
1677 F02
10k
OUTPUT
INPUT
8
7
6
4
1
2
3
15V
–15V
LT1677
1677 F03
1k
4.7k
OUTPUT
8
7 6
4
1
2
3
15V
–15V
LT1677
4.7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com